Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2489A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA2489A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA2489A
Download  TA2489A Download
File Size   546.07 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 332 MHz (BW 24 MHz) SMD 3.8X3.8 mm

TA2489A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2489A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2489A
Download  TA2489A Click to download

File Size   546.07 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 332 MHz (BW 24 MHz) SMD 3.8X3.8 mm

TA2489A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TA2489A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2485A TAI-SAW-TA2485A Datasheet
815Kb / 7P
SAW Filter 1395 MHz
logo
France Joint
TA248X62X7 FRANCEJOINT-TA248X62X7 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
TA248X62X8 FRANCEJOINT-TA248X62X8 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
TA248X65X12 FRANCEJOINT-TA248X65X12 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
More results


Similar Description - TA2489A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0511A TAI-SAW-TA0511A Datasheet
464Kb / 6P
SAW Filter 830.05 MHz SMD 3.8X3.8 mm
TB0264A TAI-SAW-TB0264A Datasheet
224Kb / 5P
SAW Filter 533.33 MHz SMD 3.8x3.8 mm
TA0963B TAI-SAW-TA0963B Datasheet
373Kb / 6P
SAW Filter 638 MHz SMD 3.8X3.8 mm(BW=24MHz)
TA1602A TAI-SAW-TA1602A Datasheet
431Kb / 7P
SAW Filter 315 MHz (BW 1.06MHz) SMD 3.8X3.8 mm
TA2048A TAI-SAW-TA2048A Datasheet
499Kb / 7P
SAW Filter 505 MHz (BW 10MHz) SMD 3.8X3.8 mm
TA2434A TAI-SAW-TA2434A Datasheet
515Kb / 7P
SAW Filter 332 MHz (BW 24 MHz) SMD 3.8X3.8 mm
TA2468A TAI-SAW-TA2468A Datasheet
586Kb / 7P
SAW Filter 1638 MHz SMD 2.0횞1.6 mm (BW=24 MHz)
TA2518A TAI-SAW-TA2518A Datasheet
491Kb / 7P
SAW Filter 433.5 MHz (BW 20 MHz) SMD 3.8X3.8 mm
TB1327A TAI-SAW-TB1327A Datasheet
687Kb / 7P
IF SAW Filter 248.45 MHz SMD 3.8X3.8 mm (BW=0.53 MHz)
TB1386AA3610 TAI-SAW-TB1386AA3610 Datasheet
872Kb / 8P
IF SAW Filter 559.5 MHz SMD 3.8x3.8 mm (BW=0.6 MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com