Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74AC10P Datasheet (PDF) - Toshiba Semiconductor

TC74AC10P Datasheet PDF - Toshiba Semiconductor
Part # TC74AC10P
Download  TC74AC10P Download
File Size   236.06 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC

TC74AC10P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74AC10P Datasheet PDF - Toshiba Semiconductor

Part # TC74AC10P
Download  TC74AC10P Click to download

File Size   236.06 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC

TC74AC10P Datasheet (HTML) - Toshiba Semiconductor


TC74AC10P Product details

Triple 3-Input NAND Gate



The TC74AC10 is an advanced high speed CMOS 3-INPUT NAND GATE fabricated with silicon gate and double-layer metal wiring C2MOS technology.

It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.

The internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and stable output. All inputs are equipped with protection circuits against static discharge or transient excess voltage.



Features

• High speed: tpd = 5.0 ns (typ.) at VCC = 5 V

• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C

• High noise immunity: VNIH = VNIL = 28% VCC (min)

• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)

                                             Capability of driving 50 Ω

                                              transmission lines.

• Balanced propagation delays: tpLH ∼ − tpHL

• Wide operating voltage range: VCC (opr) = 2 to 5.5 V

• Pin and function compatible with 74F10



 




Similar Part No. - TC74AC10P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC10P TOSHIBA-TC74AC10P Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NAND Gate
TC74AC10P TOSHIBA-TC74AC10P_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input NAND Gate
TC74AC10P TOSHIBA-TC74AC10P_12 Datasheet
244Kb / 7P
Triple 3-Input NAND Gate
More results


Similar Description - TC74AC10P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC10AP TOSHIBA-TC74HC10AP Datasheet
237Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7SZ32FU KEC-KIC7SZ32FU_15 Datasheet
374Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC358860XBG TOSHIBA-TC358860XBG Datasheet
390Kb / 19P
CMOS Digital Integrated Circuit Silicon Monolithic
2017-07-01 Rev.2.0a
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com