Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBE1000 Datasheet (PDF) - Bel Fuse Inc.

MBE1000 Datasheet PDF - Bel Fuse Inc.
Part # MBE1000
Download  MBE1000 Download
File Size   711.93 Kbytes
Page   8 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Form Factor 5 x 9.51 x 1.61 in (127 x 241.5 x 41 mm)

MBE1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBE1000 Datasheet PDF - Bel Fuse Inc.

Part # MBE1000
Download  MBE1000 Click to download

File Size   711.93 Kbytes
Page   8 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Form Factor 5 x 9.51 x 1.61 in (127 x 241.5 x 41 mm)

MBE1000 Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - MBE1000

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MBE1200-1T24 BEL-MBE1200-1T24 Datasheet
1Mb / 14P
Single 24 VDC / 48 VDC output voltages available
MBE1200-1T48 BEL-MBE1200-1T48 Datasheet
1Mb / 14P
Single 24 VDC / 48 VDC output voltages available
logo
Eaton All Rights Reserv...
MBE1212L200BF EATON-MBE1212L200BF Datasheet
1Mb / 28P
Cutler- Hammer
2002
MBE1212L200BS EATON-MBE1212L200BS Datasheet
1Mb / 28P
Cutler- Hammer
2002
MBE1212L200BTF EATON-MBE1212L200BTF Datasheet
1Mb / 28P
Cutler- Hammer
2002
More results


Similar Description - MBE1000

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC275-1T12L BEL-ABC275-1T12L Datasheet
1Mb / 7P
5 x 3 x 0.75 Inches form factor
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC550-1T12 BEL-MBC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
ABC275 BEL-ABC275 Datasheet
506Kb / 5P
5 x 3 x 0.75 Inches form factor
MBC275 BEL-MBC275 Datasheet
1Mb / 7P
5 x 3 x 0.75 Inches Form factor
ABC275 BEL-ABC275_V01 Datasheet
722Kb / 7P
5 x 3 x 0.75 Inch Form Factor
ABE1000 BEL-ABE1000 Datasheet
771Kb / 8P
Form Factor 5 x 9.51 x 1.61 in (127 x 241.5 x 41 mm)
ACC600 BEL-ACC600 Datasheet
1Mb / 12P
5 x 8.5 x 1.61 Inch Form Factor (127 x 216 x 41 mm)
MBC800 BEL-MBC800 Datasheet
1Mb / 13P
5 x 8.5 x 1.61 Inch Form Factor (127 x 216 x 41 mm)
MCC600 BEL-MCC600 Datasheet
1Mb / 12P
5 x 8.5 x 1.61 Inch Form Factor (127 x 216 x 41 mm)
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com