Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10040220P Datasheet (PDF) - Qorvo, Inc

S10040220P Datasheet PDF - Qorvo, Inc
Part # S10040220P
Download  S10040220P Download
File Size   345.6 Kbytes
Page   4 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description CATV Push Pull Hybrid 1000MHz 22dB

S10040220P Datasheet (PDF)

Go To PDF Page Download Datasheet
S10040220P Datasheet PDF - Qorvo, Inc

Part # S10040220P
Download  S10040220P Click to download

File Size   345.6 Kbytes
Page   4 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description CATV Push Pull Hybrid 1000MHz 22dB

S10040220P Datasheet (HTML) - Qorvo, Inc




Similar Part No. - S10040220P

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
S10040220P PDI-S10040220P Datasheet
154Kb / 4P
GaAs Push Pull Hybrid 40 - 1000MHz 22dB min. Gain @ 1000MHz 270mA max. @ 24VDC
logo
RF Micro Devices
S10040220P RFMD-S10040220P Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
S10040220P12 RFMD-S10040220P12 Datasheet
265Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
More results


Similar Description - S10040220P

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
S10040220P PDI-S10040220P Datasheet
154Kb / 4P
GaAs Push Pull Hybrid 40 - 1000MHz 22dB min. Gain @ 1000MHz 270mA max. @ 24VDC
logo
RF Micro Devices
S10040140P1 RFMD-S10040140P1 Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
S10040230GT RFMD-S10040230GT Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
S10040240P RFMD-S10040240P Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
S10040280GT QORVO-S10040280GT Datasheet
265Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
S10040240P QORVO-S10040240P Datasheet
192Kb / 4P
CATV Push Pull Hybrid 1000MHz 24dB
S10040220GT QORVO-S10040220GT Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
S10040200P QORVO-S10040200P Datasheet
359Kb / 4P
CATV Push Pull Hybrid 1000MHz 20dB
S10040180P1 QORVO-S10040180P1 Datasheet
346Kb / 4P
CATV Push Pull Hybrid 1000MHz 18dB
S10040140P1 QORVO-S10040140P1 Datasheet
346Kb / 4P
CATV Push Pull Hybrid 1000MHz 14dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com