Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW480-72 Datasheet (PDF) - Bel Fuse Inc.

LDW480-72 Datasheet PDF - Bel Fuse Inc.
Part # LDW480-72
Download  LDW480-72 Download
File Size   569.29 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Only 73 mm width aluminum enclosure

LDW480-72 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDW480-72 Datasheet PDF - Bel Fuse Inc.

Part # LDW480-72
Download  LDW480-72 Click to download

File Size   569.29 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Only 73 mm width aluminum enclosure

LDW480-72 Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - LDW480-72

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDW480-72 BEL-LDW480-72 Datasheet
406Kb / 4P
Single, two or three phase input AC 187 ??550 VAC
More results


Similar Description - LDW480-72

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2011C13 ALTECH-2011C13 Datasheet
232Kb / 1P
22 mm Aluminum Enclosure 2011C13 and 2015C13
2010G13 ALTECH-2010G13 Datasheet
211Kb / 1P
22 mm Aluminum Enclosure 2010G13 and 2008G13
2007E13 ALTECH-2007E13 Datasheet
252Kb / 1P
22 mm Aluminum Enclosure 2007E13 and 2012E13
2006C13 ALTECH-2006C13 Datasheet
262Kb / 1P
22 mm Aluminum Enclosure 2006C13 and 2014C13
2005A13 ALTECH-2005A13 Datasheet
231Kb / 1P
22 mm Aluminum Enclosure 2005A13 and 2015A13
1004C13 ALTECH-1004C13 Datasheet
242Kb / 1P
30 mm Aluminum Enclosure 1004C13 and 1006C13
logo
AAEON Technology
AEC-6402 AAEON-AEC-6402 Datasheet
247Kb / 2P
aluminum Enclosure
logo
PHOENIX CONTACT
2200938 PHOENIX-2200938 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 130 mm
2200940 PHOENIX-2200940 Datasheet
51Kb / 2P
Panel mounting base, Lower part, Color: aluminum, Width: 200 mm
logo
CamdenBoss Ltd.
CHD7310 CAMDENBOSS-CHD7310 Datasheet
465Kb / 2P
73 Series - IP68 Waterproof Enclosure
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com