Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2962EVB Datasheet (PDF) - Qorvo, Inc

TGA2962EVB Datasheet PDF - Qorvo, Inc
Part # TGA2962EVB
Download  TGA2962EVB Download
File Size   637.52 Kbytes
Page   27 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 ??20 GHz 10 Watt GaN Amplifier

TGA2962EVB Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA2962EVB Datasheet PDF - Qorvo, Inc

Part # TGA2962EVB
Download  TGA2962EVB Click to download

File Size   637.52 Kbytes
Page   27 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 ??20 GHz 10 Watt GaN Amplifier

TGA2962EVB Datasheet (HTML) - Qorvo, Inc




Similar Part No. - TGA2962EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2963 TRIQUINT-TGA2963 Datasheet
682Kb / 15P
6 ??18GHz 20W GaN Power Amplifier
logo
Qorvo, Inc
TGA2963 QORVO-TGA2963 Datasheet
357Kb / 16P
6??8 GHz 20 W GaN Power Amplifier
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
6 ??18 GHz 20 W GaN Power Amplifier
TGA2963EVB QORVO-TGA2963EVB Datasheet
357Kb / 16P
6??8 GHz 20 W GaN Power Amplifier
More results


Similar Description - TGA2962EVB

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999 Datasheet
660Kb / 10P
GaN MMIC 10 WATT POWER AMPLIFIER, 0.01 - 10 GHz
logo
TriQuint Semiconductor
TGA4548 TRIQUINT-TGA4548 Datasheet
718Kb / 11P
17 - 20 GHz 10 W GaN Power Amplifier
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
17 - 20 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2226D QORVO-QPA2226D Datasheet
1Mb / 24P
34 ??36 GHz 20 Watt GaN Power Amplifier
QPA2962 QORVO-QPA2962 Datasheet
1Mb / 27P
2 ??20 GHz 10 Watt GaN Amplifier
QPA2213D QORVO-QPA2213D Datasheet
911Kb / 28P
2 ??20 GHz 2 Watt GaN Amplifier
TGA2222 QORVO-TGA2222 Datasheet
571Kb / 21P
32 ??38 GHz 10 Watt GaN Amplifier
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
17 ??20 GHz 10 W GaN Power Amplifier
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
17 - 20 GHz 10 W GaN Power Amplifier
QPA2213 QORVO-QPA2213 Datasheet
995Kb / 28P
2 ??20 GHz 2 Watt GaN Amplifier
June 5, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com