Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN5385K Datasheet (PDF) - Panasonic Semiconductor

AN5385K Datasheet PDF - Panasonic Semiconductor
Part # AN5385K
Download  AN5385K Download
File Size   85.33 Kbytes
Page   9 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Contour correction IC

AN5385K Datasheet (PDF)

Go To PDF Page Download Datasheet
AN5385K Datasheet PDF - Panasonic Semiconductor

Part # AN5385K
Download  AN5385K Click to download

File Size   85.33 Kbytes
Page   9 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Contour correction IC

AN5385K Datasheet (HTML) - Panasonic Semiconductor


AN5385K Product details

■ Features
• Black side contour emphasis and white side shoot
elimination circuit are built in (for anti-blooming)
• Transient correction of color difference signal
(color missing improvement)
• Red gamma correction circuit built in
• Wider band of signal processing (Y: 7 MHz/−3
dB, Color difference: 3 MHz/−3 dB)
• Delay time is identical for both Y and color
difference.
• Delay amount switch is built in
• Delay line and coupling condenser built in




Similar Part No. - AN5385K

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
AN5381 DYNEX-AN5381 Datasheet
486Kb / 6P
Case Non-rupture
More results


Similar Description - AN5385K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5395FBP PANASONIC-AN5395FBP Datasheet
204Kb / 20P
Contour correction IC for HDTV
AN5441S PANASONIC-AN5441S Datasheet
120Kb / 13P
Deflection distortion correction IC
AN5448 PANASONIC-AN5448 Datasheet
59Kb / 8P
TILT correction IC
AN5452 PANASONIC-AN5452 Datasheet
69Kb / 9P
IC for landing correction
AN5768 PANASONIC-AN5768 Datasheet
47Kb / 5P
TILT correction IC
logo
Fairchild Semiconductor
FAN7071 FAIRCHILD-FAN7071 Datasheet
318Kb / 8P
Landing Correction IC
logo
List of Unclassifed Man...
AMC1601B ETC1-AMC1601B Datasheet
20Kb / 1P
CONTOUR DRAWING & BLOCK DIAGRAM
logo
DB Lectro Inc
WEG012864G DBLECTRO-WEG012864G Datasheet
165Kb / 1P
Contour Drawing
WEG012864L DBLECTRO-WEG012864L Datasheet
58Kb / 1P
Contour Drawing
WEG012864M DBLECTRO-WEG012864M Datasheet
184Kb / 1P
Contour Drawing
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com