Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V105Q131A-940 Datasheet (PDF) - OSRAM GmbH

V105Q131A-940 Datasheet PDF - OSRAM GmbH
Part # V105Q131A-940
Download  V105Q131A-940 Download
File Size   1602.29 Kbytes
Page   19 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description 940 nm Multi-Mode VCSEL Power Array

V105Q131A-940 Datasheet (PDF)

Go To PDF Page Download Datasheet
V105Q131A-940 Datasheet PDF - OSRAM GmbH

Part # V105Q131A-940
Download  V105Q131A-940 Click to download

File Size   1602.29 Kbytes
Page   19 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description 940 nm Multi-Mode VCSEL Power Array

V105Q131A-940 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - V105Q131A-940

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
V105Q121A-850 OSRAM-V105Q121A-850 Datasheet
1Mb / 22P
BIDOS® P2433 Q 850 nm Multi-Mode VCSEL Power Array Designed for Sensor Field of Interest : 60° x 45°
Version 1.0 2023-11-23
V105Q121A-940 OSRAM-V105Q121A-940 Datasheet
1Mb / 20P
940 nm Multi-Mode VCSEL Power Array Designed for Sensor Field of Interest
More results


Similar Description - V105Q131A-940

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4231 OSRAM-SFH4231 Datasheet
226Kb / 8P
High Power Infrared Emitter (940 nm)
logo
List of Unclassifed Man...
SM67-3N001 ETC2-SM67-3N001 Datasheet
536Kb / 3P
Multi-Mode 670nm VCSEL Chip
logo
Unity Opto Technology
MCE-8V4C-312 UOT-MCE-8V4C-312 Datasheet
81Kb / 2P
850 nm VCSEL
MCE-8V4C-302 UOT-MCE-8V4C-302 Datasheet
81Kb / 2P
850 nm VCSEL
MCE-8V4C-301 UOT-MCE-8V4C-301 Datasheet
81Kb / 2P
850 nm VCSEL
logo
OSRAM GmbH
SFH4046 OSRAM-SFH4046 Datasheet
429Kb / 14P
High Power Infrared Emitter (940 nm)
SFH4546 OSRAM-SFH4546 Datasheet
406Kb / 9P
High Power Infrared Emitter (940 nm)
logo
IC-Haus GmbH
IC-HV ICHAUS-IC-HV Datasheet
444Kb / 8P
VCSEL ARRAY DRIVER
logo
OSRAM GmbH
SFH-4239 OSRAM-SFH-4239 Datasheet
189Kb / 13P
High Power Infrared Emitter (940 nm)
V105Q121A-940 OSRAM-V105Q121A-940 Datasheet
1Mb / 20P
940 nm Multi-Mode VCSEL Power Array Designed for Sensor Field of Interest
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com