Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB08-600SW Datasheet (PDF) - Inchange Semiconductor Company Limited

BTB08-600SW Datasheet PDF - Inchange Semiconductor Company Limited
Part # BTB08-600SW
Download  BTB08-600SW Download
File Size   241.97 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Triacs

BTB08-600SW Datasheet (PDF)

Go To PDF Page Download Datasheet
BTB08-600SW Datasheet PDF - Inchange Semiconductor Company Limited

Part # BTB08-600SW
Download  BTB08-600SW Click to download

File Size   241.97 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Triacs

BTB08-600SW Datasheet (HTML) - Inchange Semiconductor Company Limited




Similar Part No. - BTB08-600SW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB08-600SW STMICROELECTRONICS-BTB08-600SW Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
logo
HAOPIN MICROELECTRONICS...
BTB08-600SW HAOPIN-BTB08-600SW Datasheet
433Kb / 5P
Blocking voltage to 600 V
logo
Shenzhen Luguang Electr...
BTB08-600SW LUGUANG-BTB08-600SW Datasheet
3Mb / 6P
8A SERIES TRIACS
Revision:20240709P1
logo
STMicroelectronics
BTB08-600SWRG STMICROELECTRONICS-BTB08-600SWRG Datasheet
129Kb / 11P
8A TRIACS
13-Feb-2006
BTB08-600SWRG STMICROELECTRONICS-BTB08-600SWRG Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
More results


Similar Description - BTB08-600SW

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com