Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX38904C Datasheet (PDF) - Maxim Integrated Products

MAX38904C Datasheet PDF - Maxim Integrated Products
Part # MAX38904C
Download  MAX38904C Download
File Size   441.99 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Evaluates the MAX38904C IC in a 5 x 3 bump, 2.2mm x 1.37mm WLP, 0.4mm pitch

MAX38904C Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX38904C Datasheet PDF - Maxim Integrated Products

Part # MAX38904C
Download  MAX38904C Click to download

File Size   441.99 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Evaluates the MAX38904C IC in a 5 x 3 bump, 2.2mm x 1.37mm WLP, 0.4mm pitch

MAX38904C Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX38904C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38904A MAXIM-MAX38904A Datasheet
411Kb / 6P
Evaluates the MAX38904A IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX38904AEVK MAXIM-MAX38904AEVK Datasheet
411Kb / 6P
Evaluates the MAX38904A IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX38904AEVK#TDFN MAXIM-MAX38904AEVK#TDFN Datasheet
411Kb / 6P
Evaluates the MAX38904A IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX38904B MAXIM-MAX38904B Datasheet
414Kb / 6P
MAX38904B TDFN Evaluation Kit
Rev 0; 2/19
MAX38904B MAXIM-MAX38904B Datasheet
414Kb / 6P
Evaluates the MAX38904B IC in a 10-pin (3mm x 3mm) TDFN
Rev 0; 2/19
More results


Similar Description - MAX38904C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97236 MAXIM-MAX97236 Datasheet
3Mb / 39P
Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX38643AEVK MAXIM-MAX38643AEVK Datasheet
459Kb / 6P
Evaluates the MAX38643A in a 6-pin WLP
Rev 1; 7/19
MAX38642A MAXIM-MAX38642A Datasheet
427Kb / 6P
Evaluates the MAX38642A in a 6-Pin WLP
Rev 1; 7/19
MAX38642AEVK MAXIM-MAX38642AEVK Datasheet
427Kb / 6P
Evaluates the MAX38642A in a 6-Pin WLP
Rev 1; 7/19
MAX38913AEVK MAXIM-MAX38913AEVK Datasheet
304Kb / 8P
Evaluates the MAX38913A IC in a 12-Pin (3x4 0.4mm Pitch) WLP
Rev 0; 3/21
MAX38908EVK MAXIM-MAX38908EVK Datasheet
531Kb / 7P
Evaluates the MAX38908 IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 8/19
MAX38904DEVK MAXIM-MAX38904DEVK Datasheet
389Kb / 6P
Evaluates the MAX38904D IC in a 5 x 3 bump, 2.2mm x 1.37mm WLP, 0.4mm pitch
Rev 0; 8/19
MAX38904BEVK MAXIM-MAX38904BEVK Datasheet
414Kb / 6P
Evaluates the MAX38904B IC in a 10-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX38640AEVKWLP MAXIM-MAX38640AEVKWLP Datasheet
442Kb / 6P
Evaluates: MAX38640 A in WLP
2019
MAX17227JEVK MAXIM-MAX17227JEVK Datasheet
1Mb / 6P
Evaluates the MAX17227J in a 6-pin WLP
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com