Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3340 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE3340 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE3340
Download  PE3340 Download
File Size   141.5 Kbytes
Page   12 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 3.0 GHz Integer-N PLL for Low Phase Noise Applications

PE3340 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE3340 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE3340
Download  PE3340 Click to download

File Size   141.5 Kbytes
Page   12 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 3.0 GHz Integer-N PLL for Low Phase Noise Applications

PE3340 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE3340 Product details

Product Description
Peregrine’s PE3340 is a high performance integer-N PLL capable of frequency synthesis up to 3.0 GHz. The superior phase noise performance of the PE3340 makes it ideal for applications such as wireless local loop basestations, LMDS systems and other demanding terrestrial systems.
The PE3340 features a 10/11 dual modulus prescaler, counters and a phase comparator as shown in Figure 1. Counter values are programmable through a three wire serial interface.
Fabricated in Peregrine’s patented UTSi® (Ultra Thin Silicon) CMOS technology, the PE3340 offers excellent RF performance with the economy and integration of conventional CMOS.

Features
• 3.0 GHz operation
• ÷10/11 dual modulus prescaler
• Internal phase detector
• Serial programmable
• Low power ⎯ 20 mA at 3 V
• Ultra-low phase noise
• Available in 20-lead TSSOP




Similar Part No. - PE3340

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33401 PASTERNACK-PE33401 Datasheet
137Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC MALE
PE33401LF PASTERNACK-PE33401LF Datasheet
280Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC MALE(LEAD FREE)
PE33403 PASTERNACK-PE33403 Datasheet
137Kb / 1P
CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC MALE
PE33403LF PASTERNACK-PE33403LF Datasheet
133Kb / 1P
Cable Assembly
PE33405 PASTERNACK-PE33405 Datasheet
109Kb / 1P
CABLE ASSEMBLY PE-B150 75 OHM BNC MALE TO 75 OHM BNC MALE
More results


Similar Description - PE3340

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3239 PEREGRINE-PE3239 Datasheet
214Kb / 12P
2.2 GHz Integer-N PLL for Low Phase Noise Applications
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3339 PEREGRINE-PE3339 Datasheet
143Kb / 12P
3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE9702 PEREGRINE-PE9702 Datasheet
278Kb / 14P
3.0 GHz Integer-N PLL for Rad Hard Applications
PE83336 PEREGRINE-PE83336 Datasheet
277Kb / 14P
3.0 GHz Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com