Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4239 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE4239 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE4239
Download  PE4239 Download
File Size   249.31 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS??RF Switch

PE4239 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4239 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE4239
Download  PE4239 Click to download

File Size   249.31 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS??RF Switch

PE4239 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE4239 Product details

Product Description
The PE4239 UltraCMOS™ RF Switch is designed to cover a broad range of applications from DC through 3.0 GHz. This reflective switch integrates on-board CMOS control logic with a low voltage CMOS-compatible control interface, and can be controlled using either single-pin or complementary control inputs. Using a nominal +3-volt power supply voltage, a typical input 1 dB compression point of +27 dBm can be achieved.

Features
• Single-pin or complementary CMOS logic control inputs
• +3.0-volt power supply needed for single-pin control mode
• Low insertion loss: 0.7 dB at 1.0 GHz, 0.9 dB at 2.0 GHz
• Isolation of 32 dB at 1.0 GHz, 23 dB at 2.0 GHz
• Typical input 1 dB compression point of +27 dBm
• Ultra-small SC-70 package




Similar Part No. - PE4239

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239 Datasheet
287Kb / 9P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239 Datasheet
287Kb / 9P
SPDT UltraCMOS
logo
Pasternack Enterprises,...
PE4239 PASTERNACK-PE4239 Datasheet
355Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
More results


Similar Description - PE4239

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
SPDT UltraCMOS??RF Switch
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
SPDT UltraCMOS??RF Switch
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
SPDT UltraCMOS RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
UltraCMOS SPDT RF Switch
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
SPDT UltraCMOS??RF Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com