Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4240 Datasheet (PDF) - Peregrine Semiconductor Corp.

4240 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 4240
Download  4240 Download
File Size   267.17 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPST UltraCMOS??CATV Switch DC - 1300 MHz

4240 Datasheet (PDF)

Go To PDF Page Download Datasheet
4240 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 4240
Download  4240 Click to download

File Size   267.17 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPST UltraCMOS??CATV Switch DC - 1300 MHz

4240 Datasheet (HTML) - Peregrine Semiconductor Corp.


4240 Product details

Product Description
The PE4240 is a high-isolation MOSFET Switch designed for CATV applications, covering a broad frequency range from DC up to 1.3 GHz. This single-supply SPST switch offers a single-pin CMOS control interface with industry leading CTB performance. It also provides low insertion loss, high isolation and extremely low bias requirements while operating on a single 3-volt supply. In a typical CATV application, the PE4240 provides for a cost effective and manufacturable solution vs. mechanical relays.
The PE4240 is manufactured on Peregrine’s UltraCMOS™ process, a patented variation of silicon-on-insulator (SOI) technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional CMOS.

Features
• 75-ohm switch
• Non-reflective at RF1, open reflective at RF2 when OFF
• Integrated 0.25 watt terminations
• CTB performance of 100dBc
• High isolation: 85 dB at 5 MHz, 47 dB at 1 GHz
• Low insertion loss: 0.5 dB at 5 MHz, 0.75 dB at 1 GHz
• High input IP2: >80 dBm
• CMOS/TTL single-pin control
• Single +3 volt supply operation




Similar Part No. - 4240

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4240 POMONA-4240 Datasheet
22Kb / 1P
Type ?쏯??Male Terminated Plug
logo
Heyco.
4240 HEYCO-4240 Datasheet
93Kb / 1P
HEYConnect™ Terminal Bushings
logo
Molex Electronics Ltd.
42400-0001 MOLEX1-42400-0001 Datasheet
201Kb / 4P
Flat Blade Appliance Defrost Timer Crimp Housing, 4 Circuit, 4 Circuits
42400-0001 MOLEX11-42400-0001 Datasheet
38Kb / 1P
Flat Blade Appliance Defrost Timer Crimp Housing, 4 Circuit, 4 Circuits
42400-0004 MOLEX5-42400-0004 Datasheet
186Kb / 4P
Flat Blade Appliance Defrost Timer Connector, 4 Circuit
More results


Similar Description - 4240

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4232 PEREGRINE-PE4232 Datasheet
265Kb / 8P
SPST CATV UltraCMOS??Switch
PE4246 PEREGRINE-PE4246 Datasheet
262Kb / 8P
Absorptive SPST UltraCMOS??RF Switch: DC - 5000 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
SPDT CATV UltraCMOS Switch
PE4270 PSEMI-PE4270 Datasheet
428Kb / 8P
SPST CATV UltraCMOS Switch
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
SPDT CATV UltraCMOS Switch
PE42742 PSEMI-PE42742 Datasheet
326Kb / 10P
SPDT CATV UltraCMOS Switch
PE4270 PSEMI-PE4270_14 Datasheet
1,013Kb / 8P
SPST CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270 Datasheet
428Kb / 8P
SPST CATV UltraCMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com