Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTBM322 Datasheet (PDF) - Zetex Semiconductors

ZXTBM322 Datasheet PDF - Zetex Semiconductors
Part # ZXTBM322
Download  ZXTBM322 Download
File Size   177.8 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR

ZXTBM322 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTBM322 Datasheet PDF - Zetex Semiconductors

Part # ZXTBM322
Download  ZXTBM322 Click to download

File Size   177.8 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR

ZXTBM322 Datasheet (HTML) - Zetex Semiconductors


ZXTBM322 Product details

DESCRIPTION
Packaged in the innovative 2mm x 2mm MLP (Micro Leaded Package) outline, this new 4th generation low saturation transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

Additionally users will also gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   Lower package height (nom 0.9mm)
   PCB area and device placement savings
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (150mV @1A)
• hFE specified up to 6A
• IC= 4.5A Continuous Collector Current
• 2mm x 2mm MLP

APPLICATIONS
• DC - DC Converters (FET Drivers)
• Power switches
• Motor control
• LED backlighting




Similar Part No. - ZXTBM322

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTBM322 DIODES-ZXTBM322 Datasheet
391Kb / 6P
20V NPN LOW SATURATION TRANSISTOR
JUNE 2002
ZXTBM322TA DIODES-ZXTBM322TA Datasheet
391Kb / 6P
20V NPN LOW SATURATION TRANSISTOR
JUNE 2002
ZXTBM322TC DIODES-ZXTBM322TC Datasheet
391Kb / 6P
20V NPN LOW SATURATION TRANSISTOR
JUNE 2002
More results


Similar Description - ZXTBM322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT2M322 ZETEX-ZXT2M322 Datasheet
179Kb / 6P
MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD2M832 ZETEX-ZXTD2M832 Datasheet
213Kb / 6P
MPPS Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTAM322 ZETEX-ZXTAM322 Datasheet
180Kb / 6P
MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322 Datasheet
166Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTCM322 ZETEX-ZXTCM322 Datasheet
185Kb / 6P
MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322_06 Datasheet
209Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXT2M322 ZETEX-ZXT2M322_07 Datasheet
164Kb / 6P
MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD2M832 ZETEX-ZXTD2M832_07 Datasheet
205Kb / 6P
MPPS??Miniature Package Power Solutions DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTCM322 DIODES-ZXTCM322 Datasheet
400Kb / 6P
MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
JUNE 2002
ZXT2M322 DIODES-ZXT2M322 Datasheet
363Kb / 6P
MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com