Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN2005Z Datasheet (PDF) - Zetex Semiconductors

ZXTN2005Z Datasheet PDF - Zetex Semiconductors
Part # ZXTN2005Z
Download  ZXTN2005Z Download
File Size   105.66 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTN2005Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN2005Z Datasheet PDF - Zetex Semiconductors

Part # ZXTN2005Z
Download  ZXTN2005Z Click to download

File Size   105.66 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTN2005Z Datasheet (HTML) - Zetex Semiconductors


ZXTN2005Z Product details

DESCRIPTION
Packaged in the SOT89 outline this new low saturation 25V NPN transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

FEATURES
• Extremely low equivalent on-resistance; RSAT = 25m at 6.5A
• 5.5 amps continuous current
• Up to 20 amps peak current
• Very low saturation voltages
• Excellent hFE characteristics up to 20 amps

APPLICATIONS
• Emergency lighting circuits
• Motor driving (including DC fans)
• Solenoid, relay and actuator drivers
• DC modules
• Backlight Inverters




Similar Part No. - ZXTN2005Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2005Z DIODES-ZXTN2005Z Datasheet
110Kb / 6P
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTN2005ZTA DIODES-ZXTN2005ZTA Datasheet
110Kb / 6P
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTN2005Z DIODES-ZXTN2005Z_15 Datasheet
110Kb / 6P
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results


Similar Description - ZXTN2005Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853Z ZETEX-ZX5T853Z Datasheet
97Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T869Z ZETEX-ZX5T869Z Datasheet
103Kb / 6P
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2005Z DIODES-ZXTN2005Z Datasheet
110Kb / 6P
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTN2007Z DIODES-ZXTN2007Z Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZX5T849Z DIODES-ZX5T849Z Datasheet
128Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
DECEMBER 2004
logo
Zhaoxingwei Electronics...
ZX5T852Z ZHAOXINGWEI-ZX5T852Z Datasheet
235Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2005Z DIODES-ZXTN2005Z_15 Datasheet
110Kb / 6P
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com