Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4259 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE4259 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE4259
Download  PE4259 Download
File Size   180.68 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch

PE4259 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4259 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE4259
Download  PE4259 Click to download

File Size   180.68 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch

PE4259 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE4259 Product details

Product Description

The PE4259 UltraCMOS™ RF switch is designed to cover a broad range of applications from 10 MHz through 3000 MHz. This reflective switch integrates on-board CMOS control logic with a low voltage CMOS-compatible control interface, and can be controlled using either single-pin or complementary control inputs. Using a nominal +3-volt power supply voltage, a typical input 1 dB compression point of +33.5 dBm can be achieved.



Features

• Single-pin or complementary CMOS logic control inputs

• Low insertion loss:

   • 0.35 dB @ 1000 MHz

   • 0.5 dB @ 2000 MHz

• Isolation of 30 dB @ 1000 MHz

• High ESD tolerance of 2 kV HBM

• Typical input 1 dB compression point of +33.5 dBm

• 1.8V minimum power supply voltage

• Ultra-small SC-70 package



 




Similar Part No. - PE4259

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4259 PASTERNACK-PE4259 Datasheet
307Kb / 2P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG179, RG187
logo
Peregrine Semiconductor
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4259 PEREGRINE-PE4259 Datasheet
651Kb / 11P
SPDT High Power UltraCMOS
logo
Pasternack Enterprises,...
PE4259 PASTERNACK-PE4259 Datasheet
395Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
More results


Similar Description - PE4259

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4231 PEREGRINE-PE4231 Datasheet
270Kb / 7P
SPDT High Power UltraCMOS - DC 1.3 GHz RF Switch
PE4272 PEREGRINE-PE4272 Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4283 PEREGRINE-PE4283 Datasheet
230Kb / 11P
SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch
PE4273 PEREGRINE-PE4273_06 Datasheet
232Kb / 11P
SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
SP4T UltraCMOS RF Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4272 PSEMI-PE4272 Datasheet
223Kb / 11P
SPDT Broadband UltraCMOS DC ??3 GHz RF Switch
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com