Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4263 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE4263 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE4263
Download  PE4263 Download
File Size   149.22 Kbytes
Page   4 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz

PE4263 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4263 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE4263
Download  PE4263 Click to download

File Size   149.22 Kbytes
Page   4 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz

PE4263 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE4263 Product details

Product Description
The PE4263 SP6T RF UltraCMOS™ Switch addresses the specific design needs of the Quad-Band GSM Handset Antenna Switch Module Market. On-chip CMOS decode logic facilitates three-pin low voltage CMOS control. High ESD tolerance of 1500 V at all ports, no blocking capacitor requirements and on-chip SAW filter over-voltage protection devices make this the ultimate in integration and ruggedness.

Features
• Three pin CMOS logic control with integral decoder/driver
• Low TX insertion loss: 0.55 dB at 900 MHz, 0.65 dB at 1900 MHz
• TX – RX Isolation of 48 dB at 900 MHz, 40 dB at 1900 MHz
• Low harmonics: 2fo = -85 dBc and 3fo = -72 dBc
• 1500 V HBM ESD tolerance all ports
• 41 dBm P1dB
• No blocking capacitors required




Similar Part No. - PE4263

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4263 PASTERNACK-PE4263 Datasheet
254Kb / 2P
SMC Plug Right Angle Connector Clamp/Solder Attachment For RG178, RG196
logo
Peregrine Semiconductor...
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE42632DBI PEREGRINE-PE42632DBI Datasheet
125Kb / 4P
SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE42632DTI PEREGRINE-PE42632DTI Datasheet
125Kb / 4P
SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
More results


Similar Description - PE4263

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42660 PEREGRINE-PE42660 Datasheet
295Kb / 9P
SP6T UltraCMOS2.75 V Switch 100 - 3000 MHz
PE42671 PEREGRINE-PE42671 Datasheet
129Kb / 4P
SP7T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE42693 PEREGRINE-PE42693 Datasheet
99Kb / 4P
SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
logo
Peregrine Semiconductor
PE4268 PSEMI-PE4268 Datasheet
308Kb / 11P
SP6T UltraCMOS 2.6 V Switch
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com