Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN6663S Datasheet (PDF) - Panasonic Semiconductor

AN6663S Datasheet PDF - Panasonic Semiconductor
Part # AN6663S
Download  AN6663S Download

File Size   40.11 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Bridge Drivers

AN6663S Datasheet (PDF)

Go To PDF Page Download Datasheet
AN6663S Datasheet PDF - Panasonic Semiconductor

Part # AN6663S
Download  AN6663S Click to download

File Size   40.11 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Bridge Drivers

AN6663S Datasheet (HTML) - Panasonic Semiconductor

AN6663S Datasheet HTML 1Page - Panasonic Semiconductor AN6663S Datasheet HTML 2Page - Panasonic Semiconductor AN6663S Datasheet HTML 3Page - Panasonic Semiconductor AN6663S Datasheet HTML 4Page - Panasonic Semiconductor

AN6663S Product details

■Overview

The AN6663S and AN6663SP are the forward/reverse drive ICs for small DC motors. They provide 4 Kinds of outputs such as foward rotation, reverse rotation, brake, and stop by the 2bit input and are optimum as the drivers for the small motors of 100 to 150mA.





■Features

•Wide range of operating supply voltage: VCC (opr) = 3 to 16V

•Large power dissipation

(AN6663SP : PD = 1.45W when mounted)

•Built-in low saturation voltage type output transistor

•Built-in counter electromotive voltage suction diode

•Input voltage at the TTL level : VIL= 0.8V or less, VIH = 2V or more




Similar Part No. - AN6663S

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN666 SILABS-AN666 Datasheet
276Kb / 34P
   USAGE GUIDE FOR SIM3U1XX, SIM3C1XX, AND SIM3L1XX DMA AND DTM MODULES
logo
Intersil Corporation
AN6668 INTERSIL-AN6668 Datasheet
1Mb / 18P
   Applications of the CA3080 High-Performance Operational Transconductance Ampliflers
More results


Similar Description - AN6663S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13421A HITACHI-HA13421A Datasheet
100Kb / 5P
   DUAL BRIDGE DRIVERS
logo
Texas Instruments
LM25101A TI1-LM25101A_15 Datasheet
1Mb / 26P
[Old version datasheet]   Half-Bridge Gate Drivers
logo
Allegro MicroSystems
2953 ALLEGRO-2953 Datasheet
565Kb / 7P
   FULL-BRIDGE PWM MOTOR DRIVERS
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
logo
Rohm
BD6220 ROHM-BD6220_09 Datasheet
431Kb / 17P
   H-bridge drivers (18V max.)
logo
Texas Instruments
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
   85V Half-Bridge MOSFET Drivers
MIC4100 MICREL-MIC4100 Datasheet
796Kb / 18P
   100V Half Bridge MOSFET Drivers
logo
Texas Instruments
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com