Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5427 Datasheet (PDF) - Maxim Integrated Products

MAX5427 Datasheet PDF - Maxim Integrated Products
Part # MAX5427
Download  MAX5427 Download
File Size   227.3 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description One-Time Programmable, Linear-Taper Digital Potentiometers

MAX5427 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5427 Datasheet PDF - Maxim Integrated Products

Part # MAX5427
Download  MAX5427 Click to download

File Size   227.3 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description One-Time Programmable, Linear-Taper Digital Potentiometers

MAX5427 Datasheet (HTML) - Maxim Integrated Products


MAX5427 Product details

General Description
The MAX5427/MAX5428/MAX5429 linear-taper digital potentiometers function as mechanical potentiometers, but replace the mechanics with a simple 2-wire digital interface. These digital potentiometers are unique in that they have an optional one-time programmable feature that either sets the wiper’s power-on reset (POR) position to a user-defined value, or the wiper can be set and the interface disabled to prevent further adjustment.

Features
♦ Wiper Position Stored After One-Time Fuse
   Programming
♦ User-Defined Power-On Reset Position
♦ 35ppm/°C End-to-End Temperature Coefficient
   and 5ppm/°C Ratiometric Temperature Coefficient
♦ 32 Tap Positions
♦ Tiny 8-Pin Thin QFN and µMAX Packages
♦ Ultra-Low 1.5µA (max) Static Supply Current
♦ 2.7V to 5.5V Single-Supply Operation
♦ Wiper Position Programmed Through Simple
   2-Wire Serial Interface
♦ 10kΩ, 50kΩ, and 100kΩ End-to-End Resistances

Applications
   Mechanical Potentiometer Replacement
   Products Using One-Time Factory Calibration




Similar Part No. - MAX5427

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5427 MAXIM-MAX5427 Datasheet
210Kb / 10P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5427ETA MAXIM-MAX5427ETA Datasheet
210Kb / 10P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5427EUA MAXIM-MAX5427EUA Datasheet
210Kb / 10P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
More results


Similar Description - MAX5427

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
11/03-Data Sheet Changed from Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
logo
Analog Devices
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
96Kb / 17P
Four linear-taper digitally programmable potentiometers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com