Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4280 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE4280 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE4280
Download  PE4280 Download
File Size   462.07 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz

PE4280 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4280 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE4280
Download  PE4280 Click to download

File Size   462.07 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz

PE4280 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE4280 Product details

Product Description
The PE4280 is an UltraCMOS™ Switch designed for CATV applications, covering a broad frequency range from DC up to 2.2 GHz. This single-supply SPDT switch integrates a two-pin CMOS control interface. It also provides low insertion loss with extremely low bias requirements while operating on a single 3 V supply. In a typical CATV application, the PE4280 provides for a cost effective and manufacturable solution when compared to mechanical relays.

Features
• 75 Ω characteristic impedance
• Integrated 75 Ω terminations
• CTB performance of 85 dBc
• High isolation 60 dB at 1 GHz
• Low insertion loss: typically 0.5 dB at 5 MHz, 1.1 dB at 1 GHz
• High input IP3: 50 dBm
• CMOS two-pin control
• Single +3 V supply operation
• Low current consumption: 8 μA
• Unique all off terminated mode
• 4 x 4 x 0.85 mm QFN package




Similar Part No. - PE4280

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4280 PASTERNACK-PE4280 Datasheet
263Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .177 inch D Hole
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
SPDT CATV UltraCMOS Switch
PE4280 PSEMI-PE4280 Datasheet
882Kb / 8P
75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
More results


Similar Description - PE4280

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
SPDT CATV UltraCMOS Switch
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
SPDT CATV UltraCMOS Switch
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
75 廓 SPDT CATV UltraCMOS?
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
75 廓 SPDT CATV UltraCMOS?
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
75 廓 SPDT CATV UltraCMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com