Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7125 Datasheet (PDF) - Panasonic Semiconductor

AN7125 Datasheet PDF - Panasonic Semiconductor
Part # AN7125
Download  AN7125 Download
File Size   61.75 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual Channel BTL Power Amplifier

AN7125 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN7125 Datasheet PDF - Panasonic Semiconductor

Part # AN7125
Download  AN7125 Click to download

File Size   61.75 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual Channel BTL Power Amplifier

AN7125 Datasheet (HTML) - Panasonic Semiconductor


AN7125 Product details

■ Overview

AN7125 is a monolithic integrated circuit designed for 13.5 W (12 V,4 Ω) output audio power amplifier.It is a dual channel BTL IC suitable for stereo operation in radio cassette and TV application.



■ Features

• Built-in muting pin

• Built-in stand by pin

• Built-in thermal shutdown protection circuit

• Built-in current limiting circuit

• High power : (13.5 W/12 V/4 Ω)

(13.0 W/15 V/8 Ω)

• Few external components

• Operating voltage range 6 V ∼ 18 V (12 V typ.)



■ Applications

• Radio-cassette




Similar Part No. - AN7125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7125 ETC2-AN7125 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - AN7125

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
Dual 20 W BTL power amplifier
logo
KEC(Korea Electronics)
KIA6210AH KEC-KIA6210AH Datasheet
223Kb / 11P
22W BTL DUAL AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13127 HITACHI-HA13127 Datasheet
298Kb / 13P
17W DUAL BTL AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P_12 Datasheet
285Kb / 10P
4-Channel BTL Power Amplifier
LV47017P SANYO-LV47017P_12 Datasheet
296Kb / 11P
4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47009P ONSEMI-LV47009P Datasheet
177Kb / 11P
4-Channel BTL Power Amplifier
May, 2013
LV47011P ONSEMI-LV47011P Datasheet
172Kb / 10P
4-Channel BTL Power Amplifier
May, 2013
LV47017P ONSEMI-LV47017P Datasheet
182Kb / 11P
4-Channel BTL Power Amplifier
May, 2013
ENA2047A ONSEMI-ENA2047A Datasheet
284Kb / 12P
4-Channel BTL Power Amplifier
May, 2013
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
2-Channel BTL Power Amplifier
May, 2013
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com