| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9720
|
508Kb / 21P |
50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03 |
|
MAX9721
|
559Kb / 14P |
1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04 |
|
MAX9725
|
425Kb / 14P |
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04 |
|
MAX4411
|
623Kb / 18P |
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03 |
|
MAX9724A
|
777Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07 |
|
MAX9725
|
528Kb / 19P |
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07 |
|
MAX9725DETC
|
332Kb / 17P |
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09 |
|
MAX9728AETC-T
|
309Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09 |
|
MAX9728
|
309Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09 |
|
MAX4411
|
523Kb / 18P |
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06 |