| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9720
|
508Kb / 21P |
50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03 |
|
MAX9724A
|
491Kb / 22P |
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08 |
|
MAX9877
|
498Kb / 30P |
Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08 |
|
MAX9724A
|
418Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09 |
|
MAX9875
|
544Kb / 30P |
Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 3/09 |
|
MAX9877AERP
|
557Kb / 31P |
Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09 |
|
MAX9728A
|
287Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09 |
|
MAX9728AETC-T
|
309Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09 |
|
MAX9724C
|
350Kb / 19P |
Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08 |
|
MAX9728
|
309Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09 |