| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9725
|
425Kb / 14P |
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04 |
|
MAX9724A
|
777Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07 |
|
MAX9725
|
528Kb / 19P |
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07 |
|
MAX9724A
|
491Kb / 22P |
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08 |
|
MAX9877
|
498Kb / 30P |
Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 7/08 |
|
MAX9724A
|
418Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09 |
|
MAX9875
|
544Kb / 30P |
Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 3/09 |
|
MAX9877AERP
|
557Kb / 31P |
Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 5/09 |
|
MAX9725DETC
|
332Kb / 17P |
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09 |
|
MAX9725
|
332Kb / 17P |
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09 |