Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7190 Datasheet (PDF) - Panasonic Semiconductor

AN7190 Datasheet PDF - Panasonic Semiconductor
Part # AN7190
Download  AN7190 Download
File Size   55.8 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 20 W BTL power amplifier

AN7190 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN7190 Datasheet PDF - Panasonic Semiconductor

Part # AN7190
Download  AN7190 Click to download

File Size   55.8 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 20 W BTL power amplifier

AN7190 Datasheet (HTML) - Panasonic Semiconductor


AN7190 Product details

Dual 20 W BTL power amplifier



■Overview

The AN7190NK and the AN7190NZ are audio power ICs developed for the sound output of car audio (dual 20 W). It is incorporating various protective circuits to protect the IC from destruction by GND-open, short circuit to GND and power supply surge which are the important subject of power IC protection, so the IC will largely contribute to a high reliability design of equipment. Also, it is incorporating a perfect muting circuit which is free from shock noise, so that a shock noise design under the set transient condition can be made easily using together with its standby function.



■Features

•BTL 20 W ×2-channel (4 Ω), GV =40 dB

•Built-in various protection circuits (thermal protection, short circuit to VCCand short circuit to GND, VCC-open short circuit to VCC, GND-open short circuit to GND, overvoltage and supply surge, and ASO, etc.)

  Especially, the supply surge breakdown voltage is 100 V or more.

  GND open breakdown voltage is 16 V or more.

•Built-in standby function

  Free from shock noise at STB on/off.

•Built-in muting function

  Free from shock noise at mute-on/off.

  Adapting attenuator method so that abnormal sound due to waveform deformation is not generated .

  Attack time, recovery time are 50 ms or less.

•Reduction in external components

  It eliminates the need for NF and BS electrolytic capacitors.

  Muting function is not required, and power supply choke coil is unnecessary.

•Provided with beep sound input pin

•2 Ωload guaranteed



■Applications

•Car audio




Similar Part No. - AN7190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7190K ETC2-AN7190K Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - AN7190

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
30 W BTL audio power amplifier
AN7191NZ PANASONIC-AN7191NZ Datasheet
146Kb / 16P
Dual 20 W BTL audio power amplifier
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
Dual 20 W BTL Power IC for Car Audio
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
Dual 20 W BTL power IC for car audio
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
1-W BTL audio power amplifier
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
Two-Channel 20 W BTL Audio Power Amplifier
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
18 W BTL Audio Power Amplifier
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
20 W 20 W dual BTL class-D audio amplifier
11-Dec-2007
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
DUAL 3-W BTL AUDIO POWER AMPLIFIER
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com