| Manufacturer | Part # | Datasheet | Description |
 Guangdong Kexin Industr... |
KDB2552
|
52Kb / 2P |
N-Channel PowerTrench MOSFET
|
 ON Semiconductor |
NDD03N80Z
|
124Kb / 8P |
N?륝hannel Power MOSFET
October, 2013 ??Rev. 2 |
|
FDMS8D8N15C
|
292Kb / 8P |
N?륝hannel Shielded Gate POWERTRENCH MOSFET
May, 2018 ??Rev. 0 |
|
FDBL86066-F085
|
483Kb / 8P |
N?륝hannel POWERTRENCH MOSFET 100 V, 240 A, 4.1 m
January, 2018 ??Rev. 2 |
|
FDBL9401L-F085
|
382Kb / 8P |
N?륝hannel Logic Level PowerTrench MOSFET
August, 2018 ??Rev. 3 |
|
FDMC007N08LCDC
|
460Kb / 8P |
MOSFET - N?륝hannel Shielded Gate POWERTRENCH
June, 2021 ??Rev. 3 |
|
FDMC010N08LC
|
343Kb / 8P |
N?륝hannel Shielded Gate POWERTRENCH MOSFET
December, 2017 ??Rev. 2 |
|
FDD9507L-F085
|
430Kb / 8P |
MOSFET - Power, Single P?륝hannel POWERTRENCH
July, 2021 ??Rev. 5 |
|
FDPC8016S
|
353Kb / 12P |
MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
November, 2019 - Rev. 6 |
|
NTBS2D7N06M7
|
247Kb / 7P |
N?륝hannel PowerTrench MOSFET 60 V, 110 A, 2.7 m
December, 2017 ??Rev. 0 |