Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7195 Datasheet (PDF) - Panasonic Semiconductor

AN7195 Datasheet PDF - Panasonic Semiconductor
Part # AN7195
Download  AN7195 Download
File Size   100.79 Kbytes
Page   12 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 15 W BTL power IC for car audio

AN7195 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN7195 Datasheet PDF - Panasonic Semiconductor

Part # AN7195
Download  AN7195 Click to download

File Size   100.79 Kbytes
Page   12 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 15 W BTL power IC for car audio

AN7195 Datasheet (HTML) - Panasonic Semiconductor


AN7195 Product details

■ Overview
The AN7195Z is an audio power IC developed for the sound output of car audio (dual 15 W).
It is incorporating various protection circuits to protect the IC from destruction by GND-open short-circuit to GND and power supply surge which are the most important subjects of power IC protection, and the IC will largely contribute to a high reliability design of equipment. It is also incorporating the industrys first excellent muting circuit, which is free from shock noise, so that a shock noise design under the set transient condition can be made easily when the muting circuit is used together with its standby function.
In addition, the AN7195Z is pin compatible with the AN7136Z (dual 20 W), so that the identical pattern design is allowed for high-class types as well as popular types.

■ Features
• Built-in various protection circuits (realizing high break
   down voltage against destruction )
   Power supply surge breakdown voltage of 100 V or more
   Ground-open breakdown voltage of 14 V or more
• Built-in standby function (free from shock noise at
   standby on/off)
• Built-in muting function
   Free from shock noise at mute-on/off
   Adapting attenuator method so that abnormal sound due
   to waveform deformation is not generated
   Attack time, recovery time of 50 ms or less
• Reduction in external components (parts reduction to
   half compared with the AN7176K)
   It eliminates the need for NF and BS electrolytic capacitors,
   Muting function is unnecessary
   Power supply choke coil is unnecessary
• Provided with beep sound input pin
• High sound quality design
• Pin compatible with the AN7136Z (dual 20 W)

■ Applications
• Car audio




Similar Part No. - AN7195

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7195 PANASONIC-AN7195 Datasheet
102Kb / 12P
Dual 15 W BTL power IC for car audio
AN7195K PANASONIC-AN7195K Datasheet
102Kb / 12P
Dual 15 W BTL power IC for car audio
More results


Similar Description - AN7195

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7195K PANASONIC-AN7195K Datasheet
102Kb / 12P
Dual 15 W BTL power IC for car audio
AN7196K PANASONIC-AN7196K Datasheet
50Kb / 5P
Dual 15 W BTL power IC for car audio
AN7196Z PANASONIC-AN7196Z Datasheet
101Kb / 12P
Dual 15 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
Dual 20 W BTL Power IC for Car Audio
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
Dual 20 W BTL power IC for car audio
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
BTL output power IC for car audio
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
BTL output power IC for car audio
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
Power IC for BTL car audio
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
BTL output power IC for car audio
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com