| Manufacturer | Part # | Datasheet | Description |
 National Semiconductor ... |
LM4860
|
278Kb / 9P |
Series 1W Audio Power Amplifier with Shutdown Mode
|
 Maxim Integrated Produc... |
MAX4364
|
682Kb / 15P |
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02 |
|
MAX4366
|
494Kb / 18P |
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02 |
|
MAX9716
|
333Kb / 19P |
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04 |
 National Semiconductor ... |
LM4860
|
323Kb / 11P |
Series 1W Audio Power Amplifier with Shutdown Mode
|
 Maxim Integrated Produc... |
MAX9716
|
405Kb / 21P |
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09 |
|
MAX4364
|
415Kb / 14P |
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11 |
|
MAX9716
|
450Kb / 21P |
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12 |
 Texas Instruments |
LM4860M_NOPB
|
1,004Kb / 20P |
Series 1W Audio Power Amplifier with Shutdown Mode
|
 Maxim Integrated Produc... |
MAX4366
|
293Kb / 16P |
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2338; Rev 5; 6/08 |