| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
ZBVB6
|
97Kb / 2P |
blue light block for head 횠22 integral LED 24V screw clamp terminals
Jan 5, 2020 |
|
ZB6EB4A
|
113Kb / 5P |
Complete body for pilot lights, Harmony XB6, red light block with body/fixing collar with integral LED
Sep 27, 2021 |
|
ZBV5B
|
109Kb / 4P |
Harmony XB4, Transformer block, for light block with integral LED, 400 V
Nov 1, 2021 |
|
ZBV8B
|
109Kb / 4P |
Transformer block, Harmony XB4, for light with integral LED, 440...460 V
Nov 1, 2021 |
|
ZBVB64
|
167Kb / 4P |
blue light block for head 횠22 integral LED 24V plug-in connector
Nov 1, 2021 |
|
ZBVG14
|
167Kb / 4P |
white light block for head 횠22 integral LED 110...120V plug-in connector
Nov 1, 2021 |
|
ZBVM8
|
140Kb / 4P |
Harmony XB4, Light block for head 횠22, yellow, integral LED, 230...240 V AC
Nov 1, 2021 |
|
ZBZM156
|
94Kb / 3P |
Harmony XB4, Block for test "light function" with integral LED, double, 48??30 V AC
Oct 28, 2021 |
|
9001KP6
|
137Kb / 2P |
30MM PILOT LIGHT TRANSFORMER 550-600V
Dec 6, 2021 |
|
ZALVG1
|
137Kb / 3P |
white light block for head 횠22 integral LED 48..120 V - screw clamp terminals
Mar 16, 2022 |