Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1653 Datasheet (PDF) - Analog Intergrations Corporation

AIC1653 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1653
Download  AIC1653 Download
File Size   220.25 Kbytes
Page   11 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Micropower Inverting DC/DC Converter in SOT-23-5

AIC1653 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1653 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1653
Download  AIC1653 Click to download

File Size   220.25 Kbytes
Page   11 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Micropower Inverting DC/DC Converter in SOT-23-5

AIC1653 Datasheet (HTML) - Analog Intergrations Corporation


AIC1653 Product details

DESCRIPTION
The AIC1653 is a micropower inverting DC/DC converter in 5-lead SOT-23 package. It is designed for power systems with a 100mA current limit and an input voltage ranging from 1.8V to 10V. Besides, AIC1653 features a quiescent current of only 15µA at no load, which further reduces to 0.5µA when shutdown. The schemes of current limited and fixed off-time control conserve operating current, resulting in high efficiency over a broad range of load current. In addition, the 30V switch of AIC1653 allows high voltage outputs up to -28V, which is easily generated without the use of costly transformers. The AIC1653’s low off-time of 400ns permits the use of tiny, low profile inductors and capacitors to minimize footprint and cost in space-conscious portable applications.

FEATURES
● Low Quiescent Current:
    ▪ 15µA in Active Mode
    ▪ <1µA in Shutdown Mode
● Operates with VIN as Low as 1.8V
● Uses Small Surface Mount Components
● High Output Voltage: Up to -28V
● Low profile 5-Lead SOT-23-5 Package

APPLICATIONS
● LCD Bias
● Hand-Held Computers
● Battery Backup
● Digital Still Cameras




Similar Part No. - AIC1653

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1650 AIC-AIC1650 Datasheet
206Kb / 6P
3-Cell, High-Efficiency, Inverting DC/DC Converter
AIC1650CN AIC-AIC1650CN Datasheet
206Kb / 6P
3-Cell, High-Efficiency, Inverting DC/DC Converter
AIC1650CS AIC-AIC1650CS Datasheet
206Kb / 6P
3-Cell, High-Efficiency, Inverting DC/DC Converter
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
AIC1652CN AIC-AIC1652CN Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
More results


Similar Description - AIC1653

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
Micropower Inverting DC/DC Converters in SOT-23
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Global Mixed-mode Techn...
G5122 GMT-G5122 Datasheet
182Kb / 6P
Micro-power Inverting DC/DC Converters in SOT-23-5
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
Micropower Inverting DC/DC Converter
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Linear Technology
LT1613 LINER-LT1613_15 Datasheet
300Kb / 12P
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1_15 Datasheet
148Kb / 8P
Micropower Inverting DC/DC Converters in SOT-23
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com