| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX14778
|
2Mb / 15P |
Dual 25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 0; 6/11 |
|
MAX14778
|
2Mb / 15P |
Dual ±25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 1; 6/12 |
|
MAX14759
|
2Mb / 16P |
Above- and Below-the-Rails Low On-Resistance Analog Switches
Rev 1; 8/12 |
 Littelfuse |
SP1004-04VTG
|
144Kb / 1P |
Analog video ports typically have signals that swing above and below GND
|
 Vishay Siliconix |
DG2501
|
165Kb / 9P |
Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
19-May-14 |
 Maxim Integrated Produc... |
MAX20336
|
756Kb / 12P |
Ultra-Small, Low-RON, Beyond-the-Rails DPST Analog Switches
Rev 0; 2/19 |
|
MAX14689
|
792Kb / 12P |
Ultra-Small, Low-RON, Beyond-the-Rails??DPDT Analog Switches
19-6784; Rev 5; 6/20 |
|
MAX14778
|
1Mb / 16P |
Dual 짹25V Above- and Below-the-Rails 4:1 Analog Multiplexer
19-5929; Rev 3; 7/20 |
|
MAX20336
|
523Kb / 16P |
Ultra-Small, Low-RON, Beyond-the-Rails DPST/SPDT Analog Switches
2021 |
 Vishay Siliconix |
DG2501
|
201Kb / 10P |
200 Ω, Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
21-Aug-17 |