| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
CPH3448
|
709Kb / 5P |
Single N-Channel Power MOSFET
July, 2014 |
|
MCH6431
|
382Kb / 5P |
Single N-Channel Power MOSFET
March 2015 - Rev. 3 |
|
NTMFS6B03N
|
82Kb / 6P |
Single N-Channel Power MOSFET
February, 2015 ??Rev. 1 |
|
NVMFS6B14N
|
82Kb / 6P |
Single N-Channel Power MOSFET
October, 2015 ??Rev. 0 |
|
NTMFS006N08MC
|
205Kb / 7P |
MOSFET - Power, Single N-Channel, PQFN8 80 V, 32 A
April, 2020 ??Rev. 1 |
|
NTMFS011N15MC
|
257Kb / 8P |
MOSFET - Power, Single N-Channel, PQFN8 5x6 150 V, 11.5 m, 78 A
March, 2020 ??Rev. 1 |
|
NTMFS010N10G
|
267Kb / 7P |
MOSFET - Power, Single N-Channel, PQFN8 100 V, 10.8 m, 83 A
August, 2021-Rev. P0 |
|
NTMFS7D8N10G
|
266Kb / 8P |
MOSFET - Power, Single N-Channel, PQFN8 100 V, 7.6 m, 110 A
March, 2021-Rev. 0 |
|
NTMFSC006N12MC
|
287Kb / 6P |
MOSFET - Power, Dualcool N-Channel, PQFN8 120 V, 6.1 m, 92 A
December, 2021-Rev. 1 |
|
NTMFSC012N15MC
|
280Kb / 6P |
MOSFET - Power, Dualcool N-Channel, PQFN8 150 V, 11.4 m, 80 A
November, 2021-Rev. 0 |