Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P157N Datasheet (PDF) - ELAN Microelectronics Corp

EM78P157N Datasheet PDF - ELAN Microelectronics Corp
Part # EM78P157N
Download  EM78P157N Download
File Size   495.52 Kbytes
Page   56 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-Bit Microcontroller with OTP ROM

EM78P157N Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78P157N Datasheet PDF - ELAN Microelectronics Corp

Part # EM78P157N
Download  EM78P157N Click to download

File Size   495.52 Kbytes
Page   56 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-Bit Microcontroller with OTP ROM

EM78P157N Datasheet (HTML) - ELAN Microelectronics Corp


EM78P157N Product details

General Description
EM78P157N is an 8-bit microprocessor designed and developed with low-power, high-speed CMOS technology. It is equipped with 1K*13-bits Electrical One Time Programmable Read Only Memory (OTP-ROM). It provides three PROTECTION bits to prevent user’s code in the OTP memory from being intruded. Eight OPTION bits are also provided to meet user’s additional requirements.

Features
● Operating voltage range: 2.5V~5.5V
● Operating temperature range: -40°C~85°C
● Operating frequency range (base on 2 clocks ):
      • Crystal mode: DC~20MHz at 5V, DC~8MHz at 3V, DC~4MHz at 2.5V.
      • ERC mode: DC~4MHz at 5V, DC~4MHz at 3V, DC~4MHz at 2.5V.
● Low power consumption:
      • Less then 2 mA at 5V/4MHz
      • Typically 20 µA at 3V/32KHz
      • Typically 1 µA during sleep mode
● 1K × 13 bits on chip ROM
● One security register to prevent intrusion of OTP memory codes
● One configuration register to accommodate user’s requirements
● 48× 8 bits on chip registers (SRAM, general purpose register)
● 2 bi-directional I/O ports
● 5 level stacks for subroutine nesting
● 8-bit real time clock/counter (TCC) with selective signal sources, trigger edges, and overflow interrupt
● Two clocks per instruction cycle
● Power down (SLEEP) mode
● Three available interruptions
      • TCC overflow interrupt
      • Input-port status changed interrupt (wake up from sleep mode)
      • External interrupt
● Programmable free running watchdog timer
● 8 programmable pull-high pins
● 7 programmable pull-down pins
● 8 programmable open-drain pins
● 2 programmable R-option pins
● Package types:
      • 14 pin DIP 300mil : EM78P157NBP
      • 14 pin SOP 150mil : EM78P157NBM
      • 18 pin DIP 300mil : EM78P157NAP
      • 18 pin SOP 300mil : EM78P157NAM
      • 20 pin SSOP 209mil : EM78P157NAAS
      • 20 pin SSOP 209mil : EM78P157NAKM
● 99.9% single instruction cycle commands
● The transient point of system frequency between HXT and LXT is around 400KHz




Similar Part No. - EM78P157N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153 EMC-EM78P153 Datasheet
1Mb / 19P
8-bit microprocessor with low-power and high-speed CMOS technology
logo
List of Unclassifed Man...
EM78P153 ETC1-EM78P153 Datasheet
661Kb / 52P
8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
8-Bit Microcontroller with OTP ROM
EM78P153BD14 EMC-EM78P153BD14 Datasheet
1Mb / 46P
8-Bit Microcontroller with OTP ROM
More results


Similar Description - EM78P157N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P451S EMC-EM78P451S Datasheet
421Kb / 54P
8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
8-Bit Microcontroller with OTP ROM
EM78P159N EMC-EM78P159N Datasheet
453Kb / 48P
8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
8-Bit Microcontroller with OTP ROM
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
8-Bit Microcontroller with OTP ROM
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
8-Bit Microcontroller with OTP ROM
EM78P176N EMC-EM78P176N Datasheet
1Mb / 64P
8-Bit Microcontroller with OTP ROM
EM78P372N EMC-EM78P372N Datasheet
3Mb / 126P
8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
8-Bit Microcontroller with OTP ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com