| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9789A
|
1Mb / 26P |
Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06 |
|
MAX9796
|
358Kb / 27P |
2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
Rev 0; 7/07 |
|
MAX9791
|
630Kb / 30P |
Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
Rev 0; 11/08 |
|
MAX9789
|
506Kb / 28P |
Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09 |
|
MAX97002
|
3Mb / 36P |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10 |
|
MAX97001
|
3Mb / 36P |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10 |
|
MAX9728AETC-T
|
309Kb / 19P |
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09 |
|
MAX9756
|
790Kb / 31P |
2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06 |
|
MAX9752
|
593Kb / 29P |
2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05 |
|
MAX9796
|
427Kb / 28P |
2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
19-0866; Rev 1; 1/08 |