| Manufacturer | Part # | Datasheet | Description |
 Fairchild Semiconductor |
FDD86326
|
171Kb / 6P |
N-Channel Shielded Gate PowerTrench MOSFET 80 V, 37 A, 23 m Ohm
|
 ON Semiconductor |
FDB86569-F085
|
3Mb / 8P |
MOSFET ??N-Channel, POWERTRENCH 60 V, 80 A, 5.6 m
May, 2020 ??Rev. 3 |
|
FDWS86068-F085
|
156Kb / 6P |
N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2 |
|
FDWS86369-F085
|
406Kb / 7P |
MOSFET ??N-Channel, POWERTRENCH 80 V, 65 A, 7.5 m
October, 2021 ??Rev. 3 |
|
NTMFS6H824N
|
185Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 4.5 m, 107 A
June, 2020-Rev. 2 |
|
NTMFS6H836N
|
185Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2 |
|
NTMYS4D5N04C
|
340Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0 |
|
NVMFS5C456N
|
190Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
October, 2019-Rev. 1 |
|
NVMFS6H824N
|
189Kb / 7P |
MOSFET - Power, Single N-Channel 80 V, 4.5 m, 107 A
June, 2020 ??Rev. 2 |
|
NVMYS4D5N04C
|
341Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019 ??Rev. 0 |