Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF0169B Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TF0169B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TF0169B
Download  TF0169B Download
File Size   578.71 Kbytes
Page   13 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW DPX 782 / 751MHz 10/10MHz BW Band13 SMD1.8X1.4 mm

TF0169B Datasheet (PDF)

Go To PDF Page Download Datasheet
TF0169B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0169B
Download  TF0169B Click to download

File Size   578.71 Kbytes
Page   13 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW DPX 782 / 751MHz 10/10MHz BW Band13 SMD1.8X1.4 mm

TF0169B Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TF0169B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0169A TAI-SAW-TF0169A Datasheet
669Kb / 14P
SAW DPX 782/751MHz Band13 Un-balanced SMD1.8X1.4 mm (BW=10 MHz)
More results


Similar Description - TF0169B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0090A TAI-SAW-TF0090A Datasheet
326Kb / 12P
Duplexer 782/751MHz 10MHz BW SMD 2.0횞1.6 mm
TF0091A TAI-SAW-TF0091A Datasheet
323Kb / 12P
Duplexer 782/751MHz 10MHz BW SMD 2.0횞1.6 mm
TA1694A TAI-SAW-TA1694A Datasheet
241Kb / 9P
SAW Filter 751MHz 10MHz BW SMD 1.1X0.9 mm
TF0155A TAI-SAW-TF0155A Datasheet
682Kb / 14P
SAW DPX 718/773MHz 30/30MHz BW Band28 SMD1.8X1.4 mm
TF0169A TAI-SAW-TF0169A Datasheet
669Kb / 14P
SAW DPX 782/751MHz Band13 Un-balanced SMD1.8X1.4 mm (BW=10 MHz)
TF0210A TAI-SAW-TF0210A Datasheet
1Mb / 13P
SAW Band3 DPX 1747.5/1842.5MHz SMD1.8X1.4 mm(BW=74.7MHz)
TF0210B TAI-SAW-TF0210B Datasheet
1Mb / 13P
SAW Band3 DPX 1747.5 / 1842.5MHz SMD1.8X1.4 mm(BW=74.7MHz)
TF0167B TAI-SAW-TF0167B Datasheet
497Kb / 14P
SAW DPX 1745 / 2155MHz 69.04/89.04MHz BW Band66 SMD1.8X1.4 mm
TF0193A TAI-SAW-TF0193A Datasheet
1Mb / 14P
SAW DPX 763 / 793MHz 10/10MHz BW Band14 SMD1.8X1.4 mm
TF0193B TAI-SAW-TF0193B Datasheet
1Mb / 14P
SAW DPX 763 / 793MHz 10/10MHz BW Band14 SMD1.8X1.4 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com