Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ8016 Datasheet (PDF) - Integral Corp.

IZ8016 Datasheet PDF - Integral Corp.
Part # IZ8016
Download  IZ8016 Download
File Size   130.96 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 3.5 DIGIT THERMOMETER

IZ8016 Datasheet (PDF)

Go To PDF Page Download Datasheet
IZ8016 Datasheet PDF - Integral Corp.

Part # IZ8016
Download  IZ8016 Click to download

File Size   130.96 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 3.5 DIGIT THERMOMETER

IZ8016 Datasheet (HTML) - Integral Corp.


IZ8016 Product details

DESCRIPTION
The IZ8016 is a CMOS circuit provided with digital thermometer function. Temperature reading from –50oC to +50oC is detected by use of a thermistor as a sensor and temperature is displayed on a LCD by 0.2oC step. High accuracy is obtained in wide range of –50oC ~ +50oC by providing non-linear correction circuit on the chip.

FEATURES
• Measurement accuracy: ± 1°C
• Resolution : 0.2°C (oF)
• 31/2 + 7 Indicators, 31/2 duty LCD
• Low power consumption
• Few external components
• Easiness in adjustment
• Single 1.5V battery operation
• Package Type: Bare chip




Similar Part No. - IZ8016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IZ8018 ETC-IZ8018 Datasheet
136Kb / 5P
MULTI MELODY GENERATOR
More results


Similar Description - IZ8016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35BD050 ETC1-35BD050 Datasheet
75Kb / 1P
3.5 DIGIT LCD GLASS PANEL
logo
Extech Instruments Corp...
401014 EXTECH-401014 Datasheet
110Kb / 1P
Big Digit Indoor/Outdoor Thermometer
401016 EXTECH-401016 Datasheet
49Kb / 1P
Big Digit Window Thermometer
445703 EXTECH-445703 Datasheet
194Kb / 2P
Big Digit Hygro-Thermometer
445713 EXTECH-445713 Datasheet
175Kb / 1P
Big Digit Indoor/Outdoor Hygro-Thermometer
445715 EXTECH-445715 Datasheet
203Kb / 1P
Big Digit Hygro-Thermometer
logo
DATEL, Inc.
PM-35LC-ADV-04 DATEL-PM-35LC-ADV-04 Datasheet
154Kb / 1P
3.5 Digit LCD Backlit Black
PM-35LC-ADV-03 DATEL-PM-35LC-ADV-03 Datasheet
154Kb / 1P
3.5 Digit LCD Backlit Black
PM-35LC-ADV-02 DATEL-PM-35LC-ADV-02 Datasheet
155Kb / 1P
3.5 Digit LCD Backlit Green
logo
Extech Instruments Corp...
445703-V1 EXTECH-445703-V1 Datasheet
154Kb / 1P
Big Digit Hygro-Thermometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com