| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX3675
|
190Kb / 16P |
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98 |
|
MAX3676
|
181Kb / 16P |
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99 |
|
MAX3875
|
126Kb / 8P |
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98 |
|
MAX3876
|
744Kb / 12P |
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 1/00 |
|
MAX3877
|
550Kb / 16P |
2.5Gbps, 3.3V Clock and Data Retiming ICs with Vertical Threshold Adjust
19-2062; Rev 0; 5/01 |
|
MAX3873A
|
793Kb / 12P |
Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 1; 5/03 |
|
MAX3873
|
812Kb / 12P |
Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 2; 5/03 |
|
MAX3875A
|
421Kb / 8P |
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02 |
|
MAX3676
|
274Kb / 15P |
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09 |
|
MAX3873A
|
230Kb / 10P |
Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07 |