Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS81V04166A Datasheet (PDF) - OKI electronic componets

MS81V04166A Datasheet PDF - OKI electronic componets
Part # MS81V04166A
Download  MS81V04166A Download
File Size   144.9 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Dual FIFO (262,214 Words 횞 8 Bits) 횞 2

MS81V04166A Datasheet (PDF)

Go To PDF Page Download Datasheet
MS81V04166A Datasheet PDF - OKI electronic componets

Part # MS81V04166A
Download  MS81V04166A Click to download

File Size   144.9 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Dual FIFO (262,214 Words 횞 8 Bits) 횞 2

MS81V04166A Datasheet (HTML) - OKI electronic componets


MS81V04166A Product details

GENERAL DESCRIPTION

The MS81V04166A is a single-chip 4Mb FIFO functionally composed of two Oki’s 2Mb FIFO (First-In First-Out) memories which were designed for 256k ×8-bit high-speed asynchronous read/write operation. The read clock of each of the 2Mb FIFO memories isconnected in common, and the clocks are provided independently of each of the FIFO memories. The MS81V04166A functionally compatible with Oki’s 2Mb FIFO memory (MSM51V8222A), can be used as a ×16 configuration FIFO.



FEATURES

•262,214 words ×8 bits ×2

• Fast FIFO (First-In First-Out) Operation: 25 ns cycle time

• Self refresh (No refreshcontrol is required)

• High speed asynchronous serial access

 Read/Write Cycle Time  20 ns/25 ns

 Access Time   18 ns/23 ns

• Variable length delay bit (150 to 262214)

• Write mask function (Output enable control)

• Cascading capability by mode setting

• Single power supply: 3.3 V ± 0.3V

•Package:

 100-Pin plastic TQFP (TQFP 100-P-1414-0.50-k)  (Product: MS81V04166A-xxTB) 

                                                                  xx indicates speed rank.




Similar Part No. - MS81V04166A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS81V04166A-XXTB OKI-MS81V04166A-XXTB Datasheet
178Kb / 24P
Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
More results


Similar Description - MS81V04166A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS81V04160 OKI-MS81V04160 Datasheet
109Kb / 22P
Dual FIFO (262,214-word x 8-Bits) x 2
MS81V04160A OKI-MS81V04160A Datasheet
178Kb / 24P
Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166 OKI-MS81V04166 Datasheet
139Kb / 19P
Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160 OKI-MS8104160 Datasheet
126Kb / 22P
(262,214-word x 8-Bits) x 2 Dual FIFO
MS8104160A OKI-MS8104160A Datasheet
177Kb / 24P
Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104166 OKI-MS8104166 Datasheet
138Kb / 19P
Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104166A OKI-MS8104166A Datasheet
144Kb / 19P
Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
logo
Winbond
W9816G6CH WINBOND-W9816G6CH Datasheet
1Mb / 43P
512K 횞 2 BANKS 횞 16 BITS SDRAM
logo
Elpida Memory
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
128M bits SDRAM (8M words 횞 16 bits)
logo
Renesas Technology Corp
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
5120 횞 8-Bit 횞 2 Line Memory (FIFO)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com