| Manufacturer | Part # | Datasheet | Description |
 Fairchild Semiconductor |
FDMC86570L
|
352Kb / 7P |
N-Channel Shielded Gate PowerTrench MOSFET 60 V, 56 A, 4.3 m
|
 ON Semiconductor |
NTDS015N15MC
|
148Kb / 6P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 15 m, 50 A
May, 2020 ??Rev. 2 |
|
NTMFS015N15MC
|
231Kb / 8P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 14 m, 61 A
May, 2020 ??Rev. 1 |
|
NTMFS034N15MC
|
223Kb / 8P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
May, 2020 ??Rev. 0 |
|
NTP5D0N15MC
|
151Kb / 6P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 5.0 m, 139 A
April, 2020 ??Rev. 1 |
|
NTP7D3N15MC
|
147Kb / 6P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.3 m, 101 A
May, 2020 ??Rev. 0 |
|
NTP011N15MC
|
145Kb / 6P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 10.9 m, 74.3 A
May, 2020 ??Rev. 1 |
|
NTMFS7D5N15MC
|
281Kb / 9P |
MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.9 m, 95.6 A
January, 2021-Rev. 1 |
|
NVLJS053N12MCL
|
260Kb / 7P |
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 53 m, 4.8 A
August, 2020 ??Rev. 0 |
|
STLJS050N12MCLL
|
201Kb / 7P |
MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 50.6 m, 4.5 A
August, 2021 - Rev. 0 |