Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML63187B Datasheet (PDF) - OKI electronic componets

ML63187B Datasheet PDF - OKI electronic componets
Part # ML63187B
Download  ML63187B Download
File Size   244.03 Kbytes
Page   36 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V

ML63187B Datasheet (PDF)

Go To PDF Page Download Datasheet
ML63187B Datasheet PDF - OKI electronic componets

Part # ML63187B
Download  ML63187B Click to download

File Size   244.03 Kbytes
Page   36 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V

ML63187B Datasheet (HTML) - OKI electronic componets


ML63187B Product details

GENERAL DESCRIPTION

The ML63187B and ML63189B are CMOS 4-bit microcontroller with built-in 1024-dot matrix LCD drivers and operates at 0.9 V (min.). The ML63187B and 63189B are suitable for applications such as games, toys, watches, etc. which are provided with an LCD display.

The ML63187B and ML63189B are M6318x series mask ROM-version product of OLMS-63K family, which employs Oki’s original CPU core nX-4/250.



FEATURES

• Rich instruction set

   408 instructions

   Transfer, rotate, increment/decrement, arithmetic operations, comparison, logic operations, mask

   operations, bit operations, ROM table reference, stack operations, flag operations, branch, conditional

   branch, call/return, control



• Rich selection of addressing modes

   Indirect addressing of four data memory types, with current bank register, extra bank register, HL register

   and XY register

   Data memory bank internal direct addressing mode

• Processing speed

   Two clocks per machine cycle, with most instructions executed in one machine cycle

   Minimum instruction execution time : 61 µs (@32.768 kHz system clock)

                                         1 µs (@2 MHz system clock)

• Clock generation circuit

   Low-speed clock : Crystal oscillation or RC oscillation selected with mask option (30 to 80 kHz)

   High-speed clock : Ceramic oscillation or RC oscillation selected with software (2 MHz max.)



• Program memory space

   • ML63187B : 16 K words

   • ML63189B : 32 K words

   Basic instruction length is 16 bits/1 word

• Data memory space

   • ML63187B : 1024 nibbles

   • ML63189B : 1536 nibbles

• Stack level

   Call stack level : 16 levels

   Register stack level : 16 levels



(Continue...)




Similar Part No. - ML63187B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
More results


Similar Description - ML63187B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
MSM6546 OKI-MSM6546 Datasheet
145Kb / 16P
Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com