Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9844 Datasheet (PDF) - OKI electronic componets

MSM9844 Datasheet PDF - OKI electronic componets
Part # MSM9844
Download  MSM9844 Download
File Size   216.1 Kbytes
Page   32 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description VOICE SYNTHESIS LSI with on-chip FIFO Memory

MSM9844 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM9844 Datasheet PDF - OKI electronic componets

Part # MSM9844
Download  MSM9844 Click to download

File Size   216.1 Kbytes
Page   32 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description VOICE SYNTHESIS LSI with on-chip FIFO Memory

MSM9844 Datasheet (HTML) - OKI electronic componets


MSM9844 Product details

• General Description
MSM9844 is a Voice Synthesizer LSI with on-chip FIFO memory.
A newly developed synthesis algorithm, OKI ADPCM2, promises superb sound quality. The LSI is fully controllable from an external CPU via 16/8-bit bus interface.
MSM9844 is an ideal choice for application systems where such non-microchip data storage as CD ROM is used..

• Features
• 16/8-bit Bus Interface
• On-chip FIFO Memory Capacity : 1024 Bits 23 ms Buffering
          When Sampling Frequency at 8.0 kHz, 4-bit ADPCM and Monaural Playback selected
• Synthesis Algorithms for Users Selection
          4,5,6,7,8-bit OKI ADPCM2
          4-bit OKI ADPCM
          8/16-bit Straight PCM
          8-bit OKI Non-Linear PCM
• Oscillation Clock Frequency: 16.9344 MHz / 24.576 MHz
• Sampling Frequency:
          11.025 kHz, 22.05 kHz, 44.1 kHz at fOSC=16.9344 MHz
          4.0 kHz, 6.4 kHz, 8.0 kHz, 12.8 kHz, 16.0 kHz, 32.0 kHz, 48.0 kHz at fOSC=24.576 MHz
• Sound Level Control (8 levels, 0dB ~ -21dB)
• Built-in 14-bit D/A Converter
• 3 types of Serial Interface for External DAC
• Sampling Rate Conversion Function
• Packaging: 56-pin Plastic QFP (QFP56-P-910-0.65-2K)
          Product Code: MSM9844GA




Similar Part No. - MSM9844

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
Recording and Playback LSI with Built-in FIFO
MSM9841GS-2K OKI-MSM9841GS-2K Datasheet
127Kb / 9P
Recording and Playback LSI with Built-in FIFO
MSM9842 OKI-MSM9842 Datasheet
124Kb / 9P
Playback LSI with Built-in FIFO
MSM9845 OKI-MSM9845 Datasheet
78Kb / 9P
VOICE SYNTHESIS LSI with on-chip FIFO Memory
MSM9845GA OKI-MSM9845GA Datasheet
78Kb / 9P
VOICE SYNTHESIS LSI with on-chip FIFO Memory
More results


Similar Description - MSM9844

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
logo
NEC
UPD64084 NEC-UPD64084 Datasheet
419Kb / 66P
THREE-DIMENSIONAL Y/C SEPARATION LSI WITH ON-CHIP MEMORY
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9845 OKI-MSM9845 Datasheet
78Kb / 9P
VOICE SYNTHESIS LSI with on-chip FIFO Memory
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
ADPCM Speech Synthesis LSI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com