Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM66591 Datasheet (PDF) - OKI electronic componets

MSM66591 Datasheet PDF - OKI electronic componets
Part # MSM66591
Download  MSM66591 Download
File Size   2062.57 Kbytes
Page   466 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description CMOS 16-bit microcontroller

MSM66591 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM66591 Datasheet PDF - OKI electronic componets

Part # MSM66591
Download  MSM66591 Click to download

File Size   2062.57 Kbytes
Page   466 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description CMOS 16-bit microcontroller

MSM66591 Datasheet (HTML) - OKI electronic componets


MSM66591 Product details

Overview
The MSM66591/ML66592 are high performance 16-bit microcontrollers that contain a 16-bit CPU (nX-8/500S), ROM, RAM, a 10-bit A/D converter, serial ports, flexible timers, and PWMs.
The ML66592 is the same as the MSM66591 with the exception that the ML66592 has an increased ROM and RAM capacity and a higher operating speed. Table 1-1 lists the functional differences between the MSM66591 and ML66592.
The MSM66Q591 is a Flash EEPROM version of the MSM66591. The ML66Q592 is a Flash EEPROM version of the ML66592.

Features
Abundant Instruction Set
    • Instruction set has superb orthogonal capability
    • 8/16-bit arithmetic instructions
    • Multiplication/division instructions
    • Bit operation instructions
    • Bit logic operation instructions
    • ROM table reference instructions

Abundant Addressing Modes
    • Register addressing
    • Page addressing
    • Pointing register indirect addressing
    • Stack addressing
    • Immediate addressing

Minimum Instruction Cycle
    MSM66591: 83.3 nsec @ 12 MHz (internal: 24 MHz)
    ML66592: 71.4 nsec @ 14 MHz (internal: 28 MHz)

Program Memory (ROM)
    MSM66591: Internal: 128K bytes External: 128K bytes, EA pin active
    ML66592: Internal: 192K bytes External: 256K bytes (EA pin active)

Data memory (RAM)
    MSM66591: Internal: 6K bytes
    ML66592: Internal: 8K bytes

I/O Ports
    • Analog input ports: 24
    • I/O ports: 98

Multiplier
    MSM66591: MUL ERn instruction: 208 nsec @ 12 MHz
    ML66592: MUL ERn instruction: 178.6 nsec @ 14 MHz
(Continue ...)




Similar Part No. - MSM66591

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6650 OKI-MSM6650 Datasheet
452Kb / 45P
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
MSM6650 OKI-MSM6650 Datasheet
259Kb / 50P
SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM6650 OKI-MSM6650 Datasheet
331Kb / 46P
SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM66507 OKI-MSM66507 Datasheet
276Kb / 24P
OLMS-66K Series 16-Bit Microcontroller
MSM66509 OKI-MSM66509 Datasheet
284Kb / 24P
OLMS-66K Series 16-Bit Microcontroller
More results


Similar Description - MSM66591

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP93CM40 TOSHIBA-TMP93CM40 Datasheet
226Kb / 24P
CMOS 16-Bit Microcontroller
TMP93CS36 TOSHIBA-TMP93CS36 Datasheet
6Mb / 156P
CMOS 16-BIT MICROCONTROLLER
TMP93CS44 TOSHIBA-TMP93CS44 Datasheet
1Mb / 224P
CMOS 16-Bit Microcontroller
TMP93CW44 TOSHIBA-TMP93CW44 Datasheet
250Kb / 22P
CMOS 16-Bit Microcontroller
TMP93CW46A TOSHIBA-TMP93CW46A Datasheet
1Mb / 242P
CMOS 16-Bit Microcontroller
TMP93PS40 TOSHIBA-TMP93PS40 Datasheet
363Kb / 32P
CMOS 16-Bit Microcontroller
TMP93PW46A TOSHIBA-TMP93PW46A Datasheet
325Kb / 28P
CMOS 16-Bit Microcontroller
TMP95C001 TOSHIBA-TMP95C001 Datasheet
3Mb / 66P
CMOS 16-BIT MICROCONTROLLER
TMP95C061B TOSHIBA-TMP95C061B Datasheet
9Mb / 208P
CMOS 16-Bit Microcontroller
TMP95PW64 TOSHIBA-TMP95PW64 Datasheet
1Mb / 28P
CMOS 16-BIT Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com