Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM518205 Datasheet (PDF) - OKI electronic componets

MSM518205 Datasheet PDF - OKI electronic componets
Part # MSM518205
Download  MSM518205 Download
File Size   675.7 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM518205 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM518205 Datasheet PDF - OKI electronic componets

Part # MSM518205
Download  MSM518205 Click to download

File Size   675.7 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM518205 Datasheet (HTML) - OKI electronic componets


MSM518205 Product details

DESCRIPTION
The MSM518205 is a 4,194,304-word · 2-bit dynamic RAM fabricated in Okis silicon-gate CMOS technology. The MSM518205 achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM518205 is available in a 26/24-pin plastic SOJ or 26/24-pin plastic TSOP.

FEATURES
• 4,194,304-word · 2-bit configuration
• Single 5 V power supply, ±10% tolerance
• Input : TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 4096 cycles/64 ms
• Fast page mode with EDO, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Multi-bit test mode capability
• Package options:
    26/24-pin 300 mil plastic SOJ (SOJ26/24-P-300-1.27) (Product : MSM518205-xxSJ)
    26/24-pin 300 mil plastic TSOP (TSOPII26/24-P-300-1.27-K) (Product : MSM518205-xxTS-K)
           xx indicates speed rank.




Similar Part No. - MSM518205

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518200 OKI-MSM518200 Datasheet
489Kb / 17P
4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-60SJ OKI-MSM518200-60SJ Datasheet
489Kb / 17P
4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-60TS-K OKI-MSM518200-60TS-K Datasheet
489Kb / 17P
4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-70SJ OKI-MSM518200-70SJ Datasheet
489Kb / 17P
4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM518200-70TS-K OKI-MSM518200-70TS-K Datasheet
489Kb / 17P
4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Similar Description - MSM518205

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405A OKI-MSM5116405A Datasheet
596Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405C OKI-MSM5116405C Datasheet
679Kb / 18P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405B OKI-MSM5117405B Datasheet
96Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405C OKI-MSM5117405C Datasheet
678Kb / 18P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405D OKI-MSM5117405D Datasheet
193Kb / 15P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405A OKI-MSM51V16405A Datasheet
602Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405D OKI-MSM51V16405D Datasheet
867Kb / 17P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405A OKI-MSM51V17405A Datasheet
631Kb / 8P
4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM519205 OKI-MSM519205 Datasheet
675Kb / 18P
4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com