Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5117805F Datasheet (PDF) - OKI electronic componets

MSM5117805F Datasheet PDF - OKI electronic componets
Part # MSM5117805F
Download  MSM5117805F Download
File Size   219.47 Kbytes
Page   16 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM5117805F Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5117805F Datasheet PDF - OKI electronic componets

Part # MSM5117805F
Download  MSM5117805F Click to download

File Size   219.47 Kbytes
Page   16 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM5117805F Datasheet (HTML) - OKI electronic componets


MSM5117805F Product details

DESCRIPTION

The MSM5117805F is a 2,097,152-word ×8-bit dynamic RAM fabricated in Oki’s silicon-gate CMOS

technology. The MSM5117805F achieves high integration, high-speed operation, and low-power

consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM5117805F is available in a 28-pin plastic SOJ or 28-pin plastic TSOP.



FEATURES

∙ 2,097,152-word ×8-bit configuration

∙ Single 5V power supply, ±10% tolerance

∙ Input : TTL compatible, low input capacitance

∙ Output : TTL compatible, 3-state

∙ Refresh : 2048 cycles/32ms

∙ Fast page mode with EDO, read modify write capability

∙ CASbefore RASrefresh, hidden refresh, RAS-only refresh capability

∙Packages

28-pin 400mil plastic SOJ (SOJ28-P-400-1.27) (Product : MSM5117805F-xxJS)

28-pin 400mil plastic TSOP (TSOPII28-P-400-1.27-K) (Product : MSM5117805F-xxTS-K)

                                                                     xx indicates speed rank.



 




Similar Part No. - MSM5117805F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Similar Description - MSM5117805F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805B OKI-MSM51V16805B Datasheet
96Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805A OKI-MSM51V17805A Datasheet
587Kb / 8P
2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805D OKI-MSM51V16805D Datasheet
851Kb / 17P
2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17800F OKI-MSM51V17800F Datasheet
213Kb / 15P
2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17805F OKI-MSM51V17805F Datasheet
234Kb / 17P
2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com