Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2140ACPZ3318R7 Datasheet (PDF) - Analog Devices

ADP2140ACPZ3318R7 Datasheet PDF - Analog Devices
Part # ADP2140ACPZ3318R7
Download  ADP2140ACPZ3318R7 Download
File Size   2811.73 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator

ADP2140ACPZ3318R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP2140ACPZ3318R7 Datasheet PDF - Analog Devices

Part # ADP2140ACPZ3318R7
Download  ADP2140ACPZ3318R7 Click to download

File Size   2811.73 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator

ADP2140ACPZ3318R7 Datasheet (HTML) - Analog Devices




Similar Part No. - ADP2140ACPZ3318R7

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ADP2140ACPZ3312R7 LATTICE-ADP2140ACPZ3312R7 Datasheet
3Mb / 23P
iCEblink40-LP1K Evaluation Kit
September 2012 Revision: EB75_01.1
More results


Similar Description - ADP2140ACPZ3318R7

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
300 mA, High PSRR, Low Quiescent Current LDO
2009
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
Microchip Technology
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1824T-ADJE MICROCHIP-MCP1824T-ADJE Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com