Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9055A Datasheet (PDF) - OKI electronic componets

ML9055A Datasheet PDF - OKI electronic componets
Part # ML9055A
Download  ML9055A Download
File Size   377.09 Kbytes
Page   59 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description LCD Controller/Driver

ML9055A Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9055A Datasheet PDF - OKI electronic componets

Part # ML9055A
Download  ML9055A Click to download

File Size   377.09 Kbytes
Page   59 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description LCD Controller/Driver

ML9055A Datasheet (HTML) - OKI electronic componets


ML9055A Product details

GENERAL DESCRIPTION
The ML9055A-02 is an LSI providing the bit map display on a dot matrix graphic LCD panel . With one chip, it is possible to construct a graphic display system with a maximum of 128 × 128 dots. Since all the functions necessary for driving the bit map type LCD panel are incorporated into a single chip, the ML9055A-02 allows to implement a dot matrix graphic LCD display system of bit map type with only a few chips in combination with an 8-bit microcomputer.
Using the CMOS process and a built-in RAM, the ML9055A-02 is highly suitable for displays in battery-operated portable equipment.

FEATURES
• Liquid Crystal Display (LCD) controller and driver
• Maximum display size: 128 columns × 128 rows
• Logic voltage: 1.8 to 3.0 V
• LCD drive voltage: 4.0 to 16.0 V
• Serial interface (3-line or 4-line, write only) and parallel interface
• Built-in voltage multiplier and oscillator circuit for display timing control
• LCD drive bias: 1/5 to 1/12
• Duty ratio: 1/16 to 1/128
• Voltage regulator temperature coefficient: –0.125%/°C
• Voltage multiplier: x3, x4, x5, x6
• Contrast adjustjment: 64 levels available
• 4-level gray scale
• Partial display function
• Scroll function
• Frame frequency: 180 Hz
• Package: Gold bump chip, TCP
    ML9055A-02DVWA (Gold bump chip name)
    ML9055A-02DVVAZ01L (General TCP name)




Similar Part No. - ML9055A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9051 OKI-ML9051 Datasheet
472Kb / 71P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Similar Description - ML9055A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2105 PHILIPS-PCF2105 Datasheet
289Kb / 48P
LCD controller/driver
1998 Jul 30
logo
Sanyo Semicon Device
LC7985NA SANYO-LC7985NA Datasheet
670Kb / 30P
LCD Controller/Driver
LC7986C SANYO-LC7986C Datasheet
712Kb / 32P
LCD Controller/Driver?
logo
AMIC Technology
A31W33128 AMICC-A31W33128 Datasheet
359Kb / 34P
LCD Controller-Driver
A31W65132 AMICC-A31W65132 Datasheet
627Kb / 41P
LCD Controller-Driver
logo
Seiko Instruments Inc
S-4544A SII-S-4544A Datasheet
2Mb / 38P
LCD Controller-Driver
S-4562A SII-S-4562A Datasheet
937Kb / 14P
LCD CONTROLLER DRIVER
logo
Motorola, Inc
PCF2104X MOTOROLA-PCF2104X Datasheet
269Kb / 56P
LCD controller/driver
logo
HYCON Technology Corpor...
HY2613 HYCON-HY2613 Datasheet
1Mb / 59P
LCD Controller Driver
logo
Generalplus Technology ...
GPL10B GENERALPLUS-GPL10B Datasheet
366Kb / 23P
7KB LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com