Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9090A Datasheet (PDF) - OKI electronic componets

ML9090A Datasheet PDF - OKI electronic componets
Part # ML9090A
Download  ML9090A Download
File Size   754.91 Kbytes
Page   41 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description LCD Driver with Key Scanner and RAM

ML9090A Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9090A Datasheet PDF - OKI electronic componets

Part # ML9090A
Download  ML9090A Click to download

File Size   754.91 Kbytes
Page   41 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description LCD Driver with Key Scanner and RAM

ML9090A Datasheet (HTML) - OKI electronic componets


ML9090A Product details

GENERAL DESCRIPTION
The ML9090A-01 and ML9090A-02 are LCD drivers that contain internal RAM and a key scan function. They are best suited for car audio displays.
Since 1-bit data of the display data RAM corresponds to the light-on or light-off of 1-dot of the LCD panel (a bit map system), a flexible display is possible.
A single chip can implement a graphic display system of a maximum of 80 × 18 dots (80 × 10 dots for the ML9090A-01, 80 × 18 dots for the ML9090A-02).

FEATURES
• Logic voltage: 2.7 to 5.5 V
• LCD drive voltage: 6 to 16 V (positive voltage)
• 80 segment outputs, 10 common outputs for ML9090A-01 and 18 common outputs for ML9090A-02
• Built-in bit-mapped RAM (ML9090A-01: 80 × 10 = 800 bits, ML9090A-02: 80 × 18 = 1440 bits)
• 4-pin serial interface with CPU: CS, CP, DI/O, KREQ
• Built-in LCD drive bias resistors
• Built-in voltage doubler or tripler circuit
• Built-in 5 × 5 key scanner
• Port A output : 1 pin, output current: –15 mA: (may be used for LED driving)
• Port B output : 8 pins
    Output current (available for the ML9090A-01 only)
        –2 mA : 5 pins
        –15 mA : 3 pins
• Temperature range: –40 to +85°C
• Package: 128-pin plastic QFP (QFP128-P-1420-0.50-K)
    (Product name: ML9090A-01GA)
    (Product name: ML9090A-02GA)




Similar Part No. - ML9090A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
LCD Driver with Key Scanner and RAM
ML9090-02 OKI-ML9090-02 Datasheet
322Kb / 38P
LCD Driver with Key Scanner and RAM
More results


Similar Description - ML9090A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
LCD Driver with Key Scanner and RAM
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
LCD DRIVER WITH ON-CHIP KEY INPUT
logo
OKI electronic componet...
ML9092-01 OKI-ML9092-01 Datasheet
659Kb / 66P
LCD Driver with Key Scanner and RAM
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
LCD Driver with Key Scan(4x8)
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
LCD Driver with Key Scanner and RAM
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
LCD Driver with Key Scanner and RAM
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
LCD Driver with Key Scanner
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
DUTY LCD DRIVER WITH KEY SCAN
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com