Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8029 Datasheet (PDF) - Panasonic Semiconductor

AN8029 Datasheet PDF - Panasonic Semiconductor
Part # AN8029
Download  AN8029 Download
File Size   132.82 Kbytes
Page   13 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC

AN8029 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN8029 Datasheet PDF - Panasonic Semiconductor

Part # AN8029
Download  AN8029 Click to download

File Size   132.82 Kbytes
Page   13 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC

AN8029 Datasheet (HTML) - Panasonic Semiconductor


AN8029 Product details

■ Overview
The AN8029 is an IC developed for controlling the self-excited switching power supply employing the RCC pseudo-resonance type control method.
It is compact, equipped only with the necessary minimum functions.
The maximum on-period and the minimum off-period can be set separately by using the external capacitor and resistor respectively.
It is suitable for the power supply of AV equipment.

■ Features
• Operating supply voltage range:
    Stop voltage (8.6 V typical) to 34 V
• Output block employs the totem pole system.
• Power MOSFET can be directly driven. (output peak current: ±1 A maximum)
• Small pre-start operating current (95 µA typical) allows using a small size start resistor.
• Built-in pulse-by-pulse overcurrent protection function
• Incorporating the protection circuit against malfunction at low voltage (start/stop: 14.9 V/8.6 V)
• Built-in overvoltage protection function (externally resettable)
• Built-in timer latch function
• Equipped with frequency (VF) control function.
• 9-pin single inline package expands the freedom of board design

■ Applications
• Televisions, facsimiles, printers, scanners, video equipment




Similar Part No. - AN8029

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN8029 ETC2-AN8029 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - AN8029

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8021L PANASONIC-AN8021L Datasheet
141Kb / 16P
AC-DC switching power supply control IC
AN8021NS PANASONIC-AN8021NS Datasheet
45Kb / 4P
External excitation flyback AC-DC switching power supply control IC
AN8022L PANASONIC-AN8022L Datasheet
119Kb / 16P
AC-DC switching power supply control IC
AN8026 PANASONIC-AN8026 Datasheet
125Kb / 12P
Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8027 PANASONIC-AN8027 Datasheet
301Kb / 28P
AC-DC switching power supply control IC with standby mode
AN8028 PANASONIC-AN8028 Datasheet
133Kb / 13P
Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8038 PANASONIC-AN8038 Datasheet
179Kb / 22P
AC-DC switching power supply control IC with RCC local resonance circuit for improved conformance with energy conservation laws
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
Fuji Switching Power Supply Control IC
logo
List of Unclassifed Man...
LN5R12C ETC2-LN5R12C Datasheet
161Kb / 3P
LN5R12C AC / DC Switching power supply controller IC
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com