Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4452VM Datasheet (PDF) - Microchip Technology

MIC4452VM Datasheet PDF - Microchip Technology
Part # MIC4452VM
Download  MIC4452VM Download
File Size   2637.81 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 12A Peak Low-Side MOSFET Drivers

MIC4452VM Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4452VM Datasheet PDF - Microchip Technology

Part # MIC4452VM
Download  MIC4452VM Click to download

File Size   2637.81 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 12A Peak Low-Side MOSFET Drivers

MIC4452VM Datasheet (HTML) - Microchip Technology




Similar Part No. - MIC4452VM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4452 MICREL-MIC4452 Datasheet
199Kb / 12P
12A-Peak Low-Side MOSFET Driver
MIC4452 MICREL-MIC4452 Datasheet
521Kb / 14P
12A-Peak Low-Side MOSFET Driver
MIC4452BM MICREL-MIC4452BM Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4452BM MICREL-MIC4452BM Datasheet
199Kb / 12P
12A-Peak Low-Side MOSFET Driver
MIC4452BM MICREL-MIC4452BM Datasheet
521Kb / 14P
12A-Peak Low-Side MOSFET Driver
More results


Similar Description - MIC4452VM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Texas Instruments
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4126 MICREL-MIC4126 Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
MIC4451 MICREL-MIC4451_05 Datasheet
199Kb / 12P
12A-Peak Low-Side MOSFET Driver
MIC4451 MICREL-MIC4451_11 Datasheet
521Kb / 14P
12A-Peak Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4126 MIC-MIC4126_11 Datasheet
538Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
Microchip Technology
MIC4423 MICROCHIP-MIC4423 Datasheet
2Mb / 26P
Dual 3A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4467 MICROCHIP-MIC4467 Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4126 MICROCHIP-MIC4126 Datasheet
846Kb / 22P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
Revision A 06/2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com